Electronic Components Datasheet Search
  English  ▼

X  

MMA7455LT Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MMA7455LT
Description  Three Axis Low-g Digital Output Accelerometer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7455LT Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MMA7455LT Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 22Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 23Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 24Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 25Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
Sensors
22
Freescale Semiconductor
MMA7455L
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the total
design. The footprint for the surface mount packages must be
the correct size to ensure proper solder connection interface
between the board and the package.
With the correct footprint, the packages will self-align when
subjected to a solder reflow process. It is always
recommended to design boards with a solder mask layer to
avoid bridging and shorting between solder pads.
SOLDERING AND MOUNTING GUIDELINES FOR THE LGA ACCELEROMETER SENSOR TO A PC BOARD
These guideline are for soldering and mounting the LGA
package inertial sensors to printed circuit boards (PCBs). The
purpose is to minimize the stress on the package after board
mounting. Both the MMA73x0L 3 axis analog output family of
accelerometers and the MMA7455L digital output
accelerometer use the Land Grid Array (LGA) package
platform. This section describes suggested methods of
soldering these devices to the PC board for consumer
applications. Figure 19 shows the recommended PCB land
pattern for the package.
Figure 19. Recommended PCB Land Pattern for the
5 x 3 mm LGA Package
OVERVIEW OF SOLDERING CONSIDERATIONS
Information provided here is based on experiments
executed on LGA devices. They do not represent exact
conditions present at a customer site. Hence, information
herein should be used as a guidance only and process and
design optimizations are recommended to develop an
application specific solution. It should be noted that with the
proper PCB footprint and solder stencil designs the package
will self-align during the solder reflow process.
The following are the recommended guidelines to follow
for mounting LGA sensors for consumer applications.
PCB MOUNTING RECOMMENDATIONS
1. The PCB land should be designed with Non Solder
Mask Defined (NSMD) as shown in Figure 22.
2. No additional metal pattern underneath package as
shown in Figure 21.
3. PCB land pad is 0.9mm x 0.6mm which is the size of
the package pad plus 0.1mm as shown in Figure 22.
4. The solder mask opening is equal to the size of the
PCB land pad plus an extra 0.1mm as shown in
Figure 22.
5. The stencil aperture size is equal to the PCB land pad
– 0.025mm. Also note that for the 4 corner pads the
aperture size must be larger for solder balancing as
shown in Figure 23 and Figure 24. A 6mil thick stencil
is recommended.
6x2
12x1
14x0.9
14x0.6
10x0.8
1
13
6
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com