Electronic Components Datasheet Search
  English  ▼

X  

MMA7455LT Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MMA7455LT
Description  Three Axis Low-g Digital Output Accelerometer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7455LT Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MMA7455LT Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Sensors
Freescale Semiconductor
7
MMA7455L
Measurement Mode
During measurement mode, continuous measurements on
all three axes enabled. The g-range for 2g, 4g, or 8g are
selectable with 8-bit data and the g-range of 8g is selectable
with 10-bit data. The sample rate during measurement mode
is 125 Hz with 62.5 BW filter selected. The sample rate is
250 Hz with the 125 Hz filter selected. Therefore, when a
conversion is complete (signaled by the DRDY flag), the next
measurement will be ready.
When measurements on all three axes are completed, a
logic high level is output to the DRDY pin, indicating
“Measurement data is ready.” The DRDY status can be
monitored by the DRDY bit in Status Register (Address: $09).
The DRDY pin is kept high until one of the three Output Value
Registers are read. If the next measurement data is written
before the previous data is read, the DOVR bit in the Status
Register will be set. Also note that in measurement mode,
level detection mode and pulse detection mode are not
available.
LEVEL DETECTION MODE
Level Detection Mode
In level detection mode, the measurements for x, y and z are all enabled with 2g/4g and 8g range available.The detection of
thresholds for an acceleration signal level for the combinations of one, two or all three axes can be enabled. This is typically used
for motion detection where the threshold can be user set depending on the application or user specific requirements. When a
motion event is detected, one of the interrupt pins (INT1 or INT2) will output a logic high output signaling the event is detected.
Setting for Motion Detection
To configure the MMA7455L for motion detection, after all three axes are enabled for detection, set the LDPL bit in Control
Register 2 (Address: $19) to 0. When the output value of one of the enabled axes exceeds the threshold limit value, either INT1
or INT2 pin will output a logic High indicating the event was detected.
–
If LDPL = 0 and all three axes are enabled for detection
–
When the specified motion condition is detected, INT1 or INT2 will output a Logic high
–“XOUT
≥Threshold” or “YOUT ≥Threshold” or
“ZOUT
≥Threshold”
Threshold limit value is common for all three axes. Positive/negative and absolute value option is available
Setting for Freefall Detection
LDPL bit in Control Register 2 (Address: $19) should be “1” for freefall detection. When the output values of all enabled axes
are below the threshold limit value, logic high level is output to INT1 or INT2 pin and indicates the event was detected.
–
If LDPL = 1 and all three axes are enabled for detection
–
When the condition below was detected, Logic high level output to INT1 or INT2
–“XOUT
≤Threshold" and “YOUT ≤Threshold" and ”ZOUT≤Threshold"
–
Threshold limit value is common for all three axes. Positive/negative and absolute value option is available.
–
INT1/INT2 pin assignment for level detection is controlled by Control Register 1 (Address: $18). Detection status is also
able to be monitored by Detection source Register (Address: $0A). Once the event was detected, INT pin or register bit
will not be cleared until clear bit in Interrupt Latch Reset Register (Address: $17) is set.
For a more detailed description of the Threshold Detect please refer to application note AN3571, “Threshold and Pulse Detect
Using the MMA745xL”.
$19
CTL2
—————
DRVO
PDPL
LDPL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com