Electronic Components Datasheet Search
  English  ▼

X  

MMA7455LT Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MMA7455LT
Description  Three Axis Low-g Digital Output Accelerometer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7455LT Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MMA7455LT Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Sensors
14
Freescale Semiconductor
MMA7455L
NOTES:
1. Use a 1
μF and a 10 μF capacitor on AVDD to and
DVDD_IO to decouple the power source.
2. Physical coupling distance of the accelerometer to
the microcontroller should be minimal.
3. Place a ground plane beneath the accelerometer to
reduce noise, the ground plane should be attached to
all of the open ended terminals shown in Figure 15
and Figure 16.
4. PCB layout of power and ground should not couple
power supply noise.
5. Accelerometer and microcontroller should not be a
high current path.
6. Any external power supply switching frequency
should be selected such that they do not interfere
with the internal accelerometer sampling frequency
(sampling frequency). This will prevent aliasing
errors.
Table 6. User Register Summary
Address
Name
Definition
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
$00
XOUTL
10 bits output value X LSB
XOUT[7]
XOUT[6]
XOUT[5]
XOUT[4]
XOUT[3]
XOUT[2]
XOUT[1]
XOUT[0]
$01
XOUTH
10 bits output value X MSB
--
--
--
--
--
--
XOUT[9]
XOUT[8]
$02
YOUTL
10 bits output value Y LSB
YOUT[7]
YOUT[6]
YOUT[5]
YOUT[4]
YOUT[3]
YOUT[2]
YOUT[1]
YOUT[0]
$03
YOUTH
10 bits output value Y MSB
--
--
--
--
--
--
YOUT[9]
YOUT[8]
$04
ZOUTL
10 bits output value Z LSB
ZOUT[7]
ZOUT[6]
ZOUT[5]
ZOUT[4]
ZOUT[3]
ZOUT[2]
ZOUT[1]
ZOUT[0]
$05
ZOUTH
10 bits output value Z MSB
--
--
--
--
--
--
ZOUT[9]
ZOUT[8]
$06
XOUT8
8 bits output value X
XOUT[7]
XOUT[6]
XOUT[5]
XOUT[4]
XOUT[3]
XOUT[2]
XOUT[1]
XOUT[0]
$07
YOUT8
8 bits output value Y
YOUT[7]
YOUT[6]
YOUT[5]
YOUT[4]
YOUT[3]
YOUT[2]
YOUT[1]
YOUT[0]
$08
ZOUT8
8 bits output value Z
ZOUT[7]
ZOUT[6]
ZOUT[5]
ZOUT[4]
ZOUT[3]
ZOUT[2]
ZOUT[1]
ZOUT[0]
$09
STATUS
Status registers
--
--
--
--
--
PERR
DOVR
DRDY
$0A
DETSRC
Detection source registers
LDX
LDY
LDZ
PDX
PDY
PDZ
INT1
INT2
$0B
TOUT
“Temperature output value” (Optional)
TMP[7]
TMP[6]
TMP[5]
TMP[4]
TMP[3]
TMP[2]
TMP[1]
TMP[0]
$0C
(Reserved)
--
--
--
--
--
--
--
--
$0D
I2CAD
I2C device address
I2CDIS
DAD[6]
DAD[5]
DAD[4]
DAD[3]
DAD[2]
DAD[1]
DAD[0]
$0E
USRINF
User information (Optional)
UI[7]
UI[6]
UI[5]
UI[4]
UI[3]
UI[2]
UI[1]
UI[0]
$0F
WHOAMI
“Who am I” value (Optional)
ID[7]
ID[6]
ID[5]
ID[4]
ID[3]
ID[2]
ID[1]
ID[0]
$10
XOFFL
Offset drift X value (LSB)
XOFF[7]
XOFF[6]
XOFF[5]
XOFF[4]
XOFF[3]
XOFF[2]
XOFF[1]
XOFF[0]
$11
XOFFH
Offset drift X value (MSB)
--
--
--
--
--
XOFF[10]
XOFF[9]
XOFF[8]
$12
YOFFL
Offset drift Y value (LSB)
YOFF[7]
YOFF[6]
YOFF[5]
YOFF[4]
YOFF[3]
YOFF[2]
YOFF[1]
YOFF[0]
$13
YOFFH
Offset drift Y value (MSB)
--
--
--
--
--
YOFF[10]
YOFF[9]
YOFF[8]
$14
ZOFFL
Offset drift Z value (LSB)
ZOFF[7]
ZOFF[6]
ZOFF[5]
ZOFF[4]
ZOFF[3]
ZOFF[2]
ZOFF[1]
ZOFF[0]
$15
ZOFFH
Offset drift Z value (MSB)
--
--
--
--
--
ZOFF[10]
ZOFF[9]
ZOFF[8]
$16
MCTL
Mode control
LPEN
DRPD
SPI3W
STON
GLVL[1]
GLVL[0]
MOD[1]
MOD[0]
$17
INTRST
Interrupt latch reset
--
--
--
--
--
--
CLRINT2
CLRINT1
$18
CTL1
Control 1
--
THOPT
ZDA
YDA
XDA
INTRG[1]
INTRG[0]
INTPIN
$19
CTL2
Control 2
--
--
--
--
--
DRVO
PDPL
LDPL
$1A
LDTH
Level detection threshold limit value
LDTH[7]
LDTH[6]
LDTH[5]
LDTH[4]
LDTH[3]
LDTH[2]
LDTH[1]
LDTH[0]
$1B
PDTH
Pulse detection threshold limit value
PDTH[7]
PDTH[6]
PDTH[5]
PDTH[4]
PDTH[3]
PDTH[2]
PDTH[1]
PDTH[0]
$1C
PW
Pulse duration value
PD[7]
PD[6]
PD[5]
PD[4]
PD[3]
PD[2]
PD[1]
PD[0]
$1D
LT
Latency time value
LT[7]
LT[6]
LT[5]
LT[4]
LT[3]
LT[2]
LT[1]
LT[0]
$1E
TW
Time window for 2nd pulse value
TW[7]
TW[6]
TW[5]
TW[4]
TW[3]
TW[2]
TW[1]
TW[0]
$1F
(Reserved)
--
--
--
--
--
--
--
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com