Electronic Components Datasheet Search
  English  ▼

X  

MMA7455LT Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MMA7455LT
Description  Three Axis Low-g Digital Output Accelerometer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7455LT Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MMA7455LT Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Sensors
18
Freescale Semiconductor
MMA7455L
Signed byte data (2’s compliment): User level offset trim value for Z axis
*Note: Bit weight is for 2g 8bit data output. Typical value for reference only. Variation is specified in “Electrical Characteristics”
section.
Signed byte data (2’s compliment): User level offset trim value for Z axis
*Note: Bit weight is for 2g 8bit data output. Typical value for reference only. Variation is specified in “Electrical Characteristics”
section.
GLVL [1:0]
00: 8g is selected for measurement range.
10: 4g is selected for measurement range.
01: 2g is selected for measurement range.
STON
0: Self test is not enabled
1: Self test is enabled
SPI3W
0: SPI is 4 wire mode
1: SPI is 3 wire mode
DRPD
0: Data ready status is output to INT1/DRDY PIN
1: Data ready status is not output to INT1/DRDY PIN
$14: Offset drift Z LSB (Read/Write)
D7
D6
D5
D4
D3
D2
D1
D0
Bit
ZOFF[7]
ZOFF[6]
ZOFF[5]
ZOFF[4]
ZOFF[3]
ZOFF[2]
ZOFF[1]
ZOFF[0]
Function
0
0
0
0
0
0
0
0
Default
Bit
ZOFF[7]
ZOFF[6]
ZOFF[5]
ZOFF[4]
ZOFF[3]
ZOFF[2]
ZOFF[1]
ZOFF[0]
Weight
(*Note)
64 LSB
32 LSB
16 LSB
8 LSB
4 LSB
2 LSB
1 LSB
0.5 LSB
$15: Offset drift Z MSB (Read/Write)
D7
D6
D5
D4
D3
D2
D1
D0
Bit
--
--
--
--
--
ZOFF[10]
ZOFF[9]
ZOFF[8]
Function
0
0
0
0
0
0
0
0
Default
Bit
ZOFF[10]
ZOFF[9]
ZOFF[8]
Weight
(*Note)
Polarity
256 LSB
128 LSB
$16: Mode control register (Read/Write)
D7
D6
D5
D4
D3
D2
D1
D0
Bit
--
DRPD
SPI3W
STON
GLVL[1]
GLVL[0]
MODE[1]
MODE[0]
Function
0
0
0
0
0
0
0
0
Default
MODE[1:0]
Function
00
Standby Mode
01
Measurement Mode
10
Level Detection Mode
11
Pulse Detection Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com