Electronic Components Datasheet Search
  English  ▼

X  

MMA7455LT Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MMA7455LT
Description  Three Axis Low-g Digital Output Accelerometer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7455LT Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MMA7455LT Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Sensors
Freescale Semiconductor
5
MMA7455L
Note: The response time is between 10% of full scale Vdd input voltage and 90% of the final operating output voltage.
Control Timing
Wait Time for IIC/SPI ready after power on
Turn On Response Time (Standby to Normal Mode)
Turn Off Response Time (Normal to Standby Mode)
Self Test Response Time
Sensing Element Resonant Frequency
XY
Z
tsu
tru
trd
tst
fGCELLXY
fGCELLZ
1
6.0
3.4
20
20
ms
ms
ms
ms
kHz
kHz
Nonlinearity (2 g range)
-1
—
+1
%FS
Cross Axis Sensitivity
-5
+5
%
Table 3. Function Parameters for Detection
VL < VDD < VH; TL < TA < TH unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Level Detection
Detection Threshold Range
0
FS
g
Pulse Detection
Pulse detection range (Adjustable range)
0.5
127
ms
Time step for pulse detection
0.5
ms
Threshold range for pulses
0
FS
g
Detection levels for threshold (5)
127
Levels
Latency timer (Adjustable range)
1
150
ms
Time Window (Adjustable range)
1
250
ms
Measurement bandwidth for detecting interrupt
600
Hz
Time step for latency timer and time window
1
ms
Table 2. Operating Characteristics (Continued)
Unless otherwise noted: –40°C < TA < 85°C, 2.4 V < AVDD < 3.6 V, Acceleration = 0g, Loaded output
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com