Electronic Components Datasheet Search
  English  ▼

X  

MMA7455LT Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MMA7455LT
Description  Three Axis Low-g Digital Output Accelerometer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7455LT Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MMA7455LT Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Sensors
12
Freescale Semiconductor
MMA7455L
BASIC CONNECTIONS
Pin Descriptions
Figure 14. Pinout Description
Recommended PCB Layout for Interfacing Accelerometer to Microcontroller
Figure 15. I2C Connection to MCU
AVdd
GND
DVdd_IO
INT1/DRDY
INT2
N/C
SDO
SDA/SDI/SDO
Reserved
IADDR0
N/C
GND
Top View
PIN DESCRIPTIONS
1
DVDD_IO
Digital Power for I/O pads
Input
2
GND
Ground
Input
3
N/C
No Connection or Connect to
Ground
Input
4
IADDR0
I2C Address Bit 0
Input
5
GND
Ground (optional)
Input
6
AVDD
Analog Power
Input
7CS
SPI Enable (0), I2C Enable (1)
Input
8INT1/
DRDY
Interrupt 1/ Data Ready
Output
9
INT2
Interrupt 2
Output
10
N/C
Rev 1: No Connection or Ground
Input
11
Reserved
Ground
Input
12
SDO
SPI Serial Data Output
Output
13
SD(A/I/O)
I2C Serial Data (SDA), SPI Serial
Data Input (SDI), 3-wire interface
Serial Data Output (SDO)
Open
Drain/
Input/
Output
14
SCL/SPC
I2C Serial Clock (SCL), SPI Serial
Clock (SPC)
Input
GND
Vdd
Vdd_IO
SCL
SDA
INT2
INT1/DRDY
MCU
0.1uF
0.1uF
Address set bit (bit 0)
Vdd
Vdd
10uF
10uF
10k
?
10k
?
GND
Vdd
Vdd_IO
SCL
SDA
INT2
INT1/DRDY
MCU
0.1uF
0.1uF
Address set bit (bit 0)
Vdd
Vdd
10uF
10uF
10k
?
10k
?
R2
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com