Electronic Components Datasheet Search
  English  ▼

X  

MMA7455LT Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # MMA7455LT
Description  Three Axis Low-g Digital Output Accelerometer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7455LT Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button MMA7455LT Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 22Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 23Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
Sensors
20
Freescale Semiconductor
MMA7455L
LDPL
0: Level detection polarity is positive and detecting condi-
tion is OR 3 axes.
1: Level detection polarity is negative detecting condition
is AND 3 axes.
PDPL
0: Pulse detection polarity is positive and detecting condi-
tion is OR 3 axes.
1: Pulse detection polarity is negative and detecting con-
dition is AND 3 axes.
DRVO
0: Standard drive strength on SDA/SDO pin
1: Strong drive strength on SDA/SDO pin
LDTH[7:0]: Level detection threshold value. If THOPT bit in Detection Control Register is “0”, it is unsigned 7 bits value and
LDTH[7] should be “0”. If THOPT bit is “1”, it is signed 8 bits value.
PDTH[6:0]: Pulse detection threshold value (unsigned 7 bits).
XPDTH: This bit should be “0”.
Min: PD[7:0] = 4’h01 = 0.5 ms
Max: PD[7:0] = 4’hFF = 127 ms
1 LSB = 0.5 ms
Min: LT[7:0] = 8’h01 = 1 ms
Max: LT[7:0] = 8’hFF = 255 ms
1 LSB = 1 ms
Min: TW[7:0] = 8’h01 = 1 ms (Single pulse detection)
Max: TW[7:0] = 8’hFF = 255 ms
1 LSB = 1 ms
$19: Control 2 (Read/Write)
D7
D6
D5
D4
D3
D2
D1
D0
Bit
DRVO
PDPL
LDPL
Function
0
0
0
0
0
0
0
0
Default
$1A: Level detection threshold limit value (Read/Write)
D7
D6
D5
D4
D3
D2
D1
D0
Bit
LDTH[7]
LDTH[6]
LDTH[5]
LDTH[4]
LDTH[3]
LDTH[2]
LDTH[1]
LDTH[0]
Function
0
0
0
0
0
0
0
0
Default
$1B: Pulse detection threshold limit value (Read/Write)
D7
D6
D5
D4
D3
D2
D1
D0
Bit
XPDTH
PDTH[6]
PDTH[5]
PDTH[4]
PDTH[3]
PDTH[2]
PDTH[1]
PDTH[0]
Function
0
0
0
0
0
0
0
0
Default
$1C: Pulse duration value (Read/Write)
D7
D6
D5
D4
D3
D2
D1
D0
Bit
PD[7]
PD[6]
PD[5]
PD[4]
PD[3]
PD[2]
PD[1]
PD[0]
Function
0
0
0
0
0
0
0
0
Default
$1D: Latency time value (Read/Write)
D7
D6
D5
D4
D3
D2
D1
D0
Bit
LT[7]
LT[6]
LT[5]
LT[4]
LT[3]
LT[2]
LT[1]
LT[0]
Function
0
0
0
0
0
0
0
0
Default
$1E: Time window for 2nd pulse value (Read/Write)
D7
D6
D5
D4
D3
D2
D1
D0
Bit
TW[7]
TW[6]
TW[5]
TW[4]
TW[3]
TW[2]
TW[1]
TW[0]
Function
0
0
0
0
0
0
0
0
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com