Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 37 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 37 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 33Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 34Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 35Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 36Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 37Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 38Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 39Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 40Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 41Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 410 page
background image
Page 23
TMP89FS60
RA001
The main system clock (fm) is generated from the gear clock (fcgck). Therefore, the machine cycle time
is 1/fcgck [s].
The gear clock (fcgck) is generated from the high-frequency clock (fc).
In the single-clock mode, the low-frequency clock generation circuit pins P03 (XTIN) and P04
(XTOUT) can be used as the I/O ports.
(1)
NORMAL1 mode
In this mode, the CPU core and the peripheral circuits operate using the gear clock (fcgck).
The NORMAL1 mode becomes active after reset release.
(2)
IDLE1 mode
In this mode, the CPU and the watchdog timer stop and the peripheral circuits operate using the
gear clock (fcgck).
The IDLE1 mode is activated by setting SYSCR2<IDLE> to "1" in the NORMAL1 mode.
When the IDLE1 mode is activated, the CPU and the watchdog timer stop.
When the interrupt latch enabled by the interrupt enable register EFR becomes "1", the IDLE1
mode is released to the NORMAL1 mode.
When the IMF (interrupt master enable flag) is "1" (interrupts enabled), the operation returns nor-
mal after the interrupt processing is completed.
When the IMF is "0" (interrupts disabled), the operation is restarted by the instruction that follows
the IDLE1 mode activation instruction.
(3)
IDLE0 mode
In this mode, the CPU and the peripheral circuits stop, except the oscillation circuits and the time
base timer.
In the IDLE0 mode, the peripheral circuits stop in the states when the IDLE0 mode is activated or
become the same as the states when a reset is released. For operations of the peripheral circuits in the
IDLE0 mode, refer to the section of each peripheral circuit.
The IDLE0 mode is activated by setting SYSCR2<TGHALT> to "1" in the NORMAL1 mode.
When the IDLE0 mode is activated, the CPU stops and the timing generator stops the clock supply
to the peripheral circuits except the time base timer.
When the falling edge of the source clock selected at TBTCR<TBTCK> is detected, the IDLE0
mode is released, the timing generator starts the clock supply to all the peripheral circuits and the
NORMAL1 mode is restored.
Note that the IDLE0 mode is activated and restarted, regardless of the setting of
TBTCR<TBTEN>.
When the IDLE0 mode is activated with TBTCR<TBTEN> set at "1", the INTTBT interrupt latch
is set after the NORMAL mode is restored.
When the IMF is "1" and the EF5 (the individual interrupt enable flag for the time base timer) is
"1", the operation returns normal after the interrupt processing is completed.
When the IMF is "0" or when the IMF is "1" and the EF5 (the individual interrupt enable flag for
the time base timer) is "0", the operation is restarted by the instruction that follows the IDLE0 mode
activation instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com