Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 98 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 98 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 94Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 95Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 96Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 97Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 98Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 99Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 100Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 101Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 102Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 410 page
background image
Page 84
7. Voltage Detection Circuit
7.3 Function
TMP89FS60
RA002
If VDCR2<VDxEN> is set at "1", when the supply voltage (VDD) becomes lower than the detection voltage
(VDxLVL), VDCR1<VDxSF> is set to "1". When the supply voltage (VDD) becomes equal to or higher than
the detection voltage (VDxLVL), VDCR1<VDxSF> is cleared to "0".
Unlike VDCR1<VDxF>, VDCR1<VDxSF> does not hold the set state.
Note 1: When the supply voltage (VDD) becomes lower than the detection voltage (VDxLVL) in the STOP, IDLE0 or
SLEEP0 mode, the voltage detection flag and the voltage detection status flag are changed after the opera-
tion mode is returned to NORMAL or SLOW mode.
Note 2: Depending on the voltage detection timing, the voltage detection status flag (VDxSF) may be changed ear-
lier than the voltage detection flag (VDxF) by a maximum of 2/fcgck[s].
Figure 7-3 Changes in the Voltage Detection Flag and the Voltage Detection Status Flag
7.3.5
Selecting the STOP mode release signal
By setting VDCR2<SRSS> to select the voltage detection STOP mode release signal as the STOP mode
release signal, STOP mode can be released when the supply voltage (VDD) becomes equal to or higher than
the detection voltage (VDxLVL).
To use this function, set VDCR2<VDxMOD> to "0" and set the operation mode to generate voltage detec-
tion interrupt request signals. In addition, before the operation is switched to STOP mode, clear SYSCR1
<RELM> to "0" and select the edge release mode.
If the level release mode is selected and the supply voltage (VDD) is equal to or higher than the detection
voltage (VDxLVL), STOP mode cannot be activated.
Setting VDCR2<SRSS> to "00" allows STOP mode to be released depending on the state of the STOP pin.
Setting it to "01" allows STOP mode to be released when the supply voltage (VDD) becomes equal to or
higher than the detection voltage (VDxLVL).
Setting it to "10" allows STOP mode to be released depending on the state of the STOP pin or when the sup-
ply voltage (VDD) becomes equal to or higher than the detection voltage (VDxLVL).
Refer to Section 2 "CPU" for settings to activate or release STOP mode.
Note 1: After STOP mode is released by a voltage detection STOP mode release signal, the interrupt latch
becomes "1". If it is undesirable to accept an interrupt after STOP mode is released, disable interrupts
before STOP mode is activated. In addition, clear the interrupt latch before enabling interrupts after STOP
mode is released.
Note 2: If the supply voltage (VDD) becomes equal to or higher than the detection voltage (VDxLVL) within 1
machine cycle after SYSCR1<STOP> is set to "1" and STOP mode is activated, STOP mode is not
released.
Note 3: When the voltage detection interrupt request signal of the voltage detection circuit is used as the STOP
mode release signal, take into account sudden fluctuations in the supply voltage (VDD) and changes near
the detection voltage (VDxLVL) in setting the detection voltage (VDxLVL) and the warm-up time.
Detection voltage level
VDD level
VDCR1<VDxF>
VDCR2<VDxEN>
Write 0 to VDCR1<VDxF>
The flag is not set because VDCR2<VDxEN> is 0 .
VDCR1<VDxSF>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com