Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 15 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 15 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 11Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 12Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 13Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 14Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 15Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 16Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 17Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 18Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 19Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 410 page
background image
Page 1
TMP89FS60
CMOS 8-Bit Microcontroller
This product uses the Super Flash
® technology under the licence of Silicon Storage Technology, Inc. Super Flash® is registered trademark of Silicon Storage
Technology, Inc.
RA000
• The information contained herein is subject to change without notice. 021023_D
• TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can
malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when
utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations
in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property.
In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most
recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the “Handling Guide for
Semiconductor Devices,” or “TOSHIBA Semiconductor Reliability Handbook” etc. 021023_A
• The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equip-
ment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither
intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of
which may cause loss of human life or bodily injury (“Unintended Usage”). Unintended Usage include atomic energy control instruments,
airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instru-
ments, all types of safety devices, etc. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's
own risk. 021023_B
• The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or
sale are prohibited under any applicable laws and regulations. 060106_Q
• The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by
TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by impli-
cation or otherwise under any patents or other rights of TOSHIBA or the third parties. 070122_C
• The products described in this document are subject to foreign exchange and foreign trade control laws. 060925_E
• For a discussion of how the reliability of microcontrollers can be predicted, please refer to Section 1.3 of the chapter entitled Quality and
Reliability Assurance/Handling Precautions. 030619_S
TMP89FS60
1.1
Features
1. 8-bit single chip microcomputer TLCS-870/C1 series
- Instruction execution time :
125 ns (at 8 MHz)
122
µs (at 32.768 kHz)
- 133 types & 732 basic instructions
2. 27 interrupt sources (External : 6 Internal : 21 , Except reset)
3. Input / Output ports (58 pins)
Large current output: 8 pins (Typ. 20mA)
4. Watchdog timer
- Interrupt or reset can be selected by the program.
5. Power-on reset circuit
6. Voltage detection circuit
7. Divider output function
8. Time base timer
9. 16-bit timer counter : 2 ch
- Timer, External trigger, Event Counter, Window, Pulse width measurement, PPG OUTPUT modes
The TMP89FS60 is a single-chip 8-bit high-speed and high-functionality microcomputer incorporating 61440
bytes of Flash Memory.
Product No.
ROM
(Flash)
RAM
Package
Emulation Chip
TMP89FS60UG
61440 bytes
3072 bytes
LQFP64-P-1010-0.50D
* TMP89C900XBG
TMP89FS60FG
QFP64-P-1414-0.80A
Note : * ; Under development
Note : Two of above pins can not be used for the I/O port, because they should be connected with the high frequency OSC input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com