Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 57 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 57 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 53Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 54Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 55Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 56Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 57Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 58Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 59Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 60Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 61Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 410 page
background image
Page 43
TMP89FS60
RA001
2.4.4.2
Power-on reset
The power-on reset is an internal factor reset that occurs when the power is turned on.
When power supply voltage goes on, if the supply voltage is equal to or lower than the releasing voltage
of the power-on reset circuit, a reset signal is generated and if it is higher than the releasing voltage of the
power-on reset circuit, a reset signal is released.
When power supply voltage goes down, if the supply voltage is equal to or lower than the detecting
voltage of the power-on reset circuit, a reset signal is generated.
Refer to "Power-on Reset circuit".
2.4.4.3
Voltage detection reset
The voltage detection reset is an internal factor reset that occurs when it is detected that the supply volt-
age has reached a predetermined detection voltage.
Refer to "Voltage Detection Circuit".
2.4.4.4
Watchdog timer reset
The watchdog timer reset is an internal factor reset that occurs when an overflow of the watchdog timer
is detected.
Refer to "Watchdog Timer".
2.4.4.5
System clock reset
The system clock reset is an internal factor reset that occurs when it is detected that the oscillation
enable register is set to a combination that puts the CPU into deadlock.
Refer to "Clock Control Circuit".
2.4.4.6
Trimming data reset
The trimming data reset is an internal factor reset that occurs when the trimming data latched in the
internal circuit is broken down during operation due to noise or other factors.
The trimming data is a data bit provided for adjustment of the ladder resistor that generates the compar-
ison voltage for the power-on reset and the voltage detection circuits.
This bit is loaded from the non-volatile exclusive use memory during the warm-up time that follows
reset release (tPWUP) and latched into the internal circuit.
If the trimming data loaded from the non-volatile exclusive use memory during the warm-up operation
that follows reset release is abnormal, IRSTSR<TRMDS> is set to "1".
When IRSTSR<TRMDS> is read as "1" in the initialize routine immediately after reset release, the
trimming data need to be reloaded by generating an internal factor reset, such as a system clock reset, and
activating the warm-up operation again.
If IRSTSR<TRMDS> is still set to "1" after repeated reading, the detection voltage of the voltage detec-
tion circuit and power-on reset circuit does not satisfy the characteristic specified in the electric character-
istics. Design the system so that the system will not be damaged in such a case.
2.4.4.7
Flash standby reset
The flash standby reset is an internal factor reset generated by the reading or writing of data of the flash
memory while it is on standby.
Refer to "Flash Memory".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com