Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 81 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 81 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 77Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 78Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 79Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 80Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 81Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 82Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 83Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 84Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 85Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 410 page
background image
Page 67
TMP89FS60
RA000
Note 4: The contents of EINTCRx<INTxLVL> are updated each time an interrupt request signal is generated.
Note 5: Bits 7 to 5 of EINTCR4 are read as "0".
4.3
Function
The condition for generating interrupt request signals and the noise cancel time can be set for external interrupts 1
to 4.
The condition for generating interrupt request signals and the noise cancel time are fixed for external interrupts 0
and 5.
Note 1: fcgck, Gear clock [Hz]; fs, low frequency clock [Hz]; fspl, Sampling interval [Hz]
4.3.1
Low power consumption function
External interrupts have a function that saves power by using the low power consumption register
(POFFCR3) when they are not used.
Setting POFFCR3<INTxEN> to "0" stops (disables) the basic clock for external interrupts and helps save
power. Note that this makes external interrupts unavailable. Setting POFFCR3<INTxEN> to "1" supplies
(enables) the basic clock for external interrupts and makes external interrupts available.
After reset, POFFCR3<INTxEN> is initialized to "0" and external interrupts become unavailable. When
using the external interrupt function for the first time, be sure to set POFFCR3<INTxEN> to "1" in the initial
setting of software (before operating the external interrupt control registers).
Note:Interrupt request signals may be generated when INTxEN is changed. Before changing INTxEN, clear the cor-
responding interrupt enable register to "0" to disable the generation of interrupt. When the operation mode is
changed from NORMAL1/2 or IDLE1/2 to SLOW1/2 or SLEEP1, wait 12/fs [s] after the operation mode is
changed and clear the interrupt latch. And when the operation mode is changed from SLOW1/2 or SLEEP1 to
NORMAL1/2 or IDLE1/2, wait 2/fcgck+3/fspl [s] after the operation mode is changed and clear the interrupt
latch.
Table 4-1
External Interrupts
Source
Pin
Enable conditions
Interrupt request
signal generated at
External interrupt pin input signal width and noise removal
NORMAL1/2, IDLE1/2
SLOW1/2, SLEEP1
INT0
INT0
IMF AND EF16 =
1
Falling edge
Less than 1/fcgck: Noise
More than 1/fcgck and less than 2/
fcgck: Indeterminate
More than 2/fcgck: Signal
Less than 4/fs: Noise
More than 4/fs and less than 8/fs: Inde-
terminate
More than 8/fs: Signal
INT1
INT1
IMF AND EF17 =
1
Falling edge
Rising edge
Both edges
Less than 2/fspl: Noise
More than 2/fspl and less than 3/fspl+1/
fcgck: Indeterminate
More than 3/fspl+1/fcgck: Signal
Less than 4/fs: Noise
More than 4/fs and less than 8/fs: Inde-
terminate
More than 8/fs: Signal
INT2
INT2
IMF AND EF18 =
1
Falling edge
Rising edge
Both edges
Less than 2/fspl: Noise
More than 2/fspl and less than 3/fspl+1/
fcgck: Indeterminate
More than 3/fspl+1/fcgck: Signal
Less than 4/fs: Noise
More than 4/fs and less than 8/fs: Inde-
terminate
More than 8/fs: Signal
INT3
INT3
IMF AND EF19 =
1
Falling edge
Rising edge
Both edges
Less than 2/fspl: Noise
More than 2/fspl and less than 3/fspl+1/
fcgck: Indeterminate
More than 3/fspl+1/fcgck: Signal
Less than 4/fs: Noise
More than 4/fs and less than 8/fs: Inde-
terminate
More than 8/fs: Signal
INT4
INT4
IMF AND EF20 =
1
Falling edge
Rising edge
Both edges
"H" level
Less than 2/fspl: Noise
More than 2/fspl and less than 3/fspl+1/
fcgck: Indeterminate
More than 3/fspl+1/fcgck: Signal
Less than 4/fs: Noise
More than 4/fs and less than 8/fs: Inde-
terminate
More than 8/fs: Signal
INT5
INT5
IMF AND EF8 = 1
Falling edge
Less than 1/fcgck: Noise
More than 1/fcgck and less than 2/
fcgck: Indeterminate
More than 2/fcgck: Signal
Less than 4/fs: Noise
More than 4/fs and less than 8/fs: Inde-
terminate
More than 8/fs: Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com