Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 87 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 87 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 83Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 84Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 85Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 86Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 87Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 88Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 89Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 90Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 91Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 410 page
background image
Page 73
TMP89FS60
RA000
5. Watchdog Timer (WDT)
The watchdog timer is a fail-safe system to detect rapidly the CPU malfunctions such as endless loops due to spu-
rious noises or the deadlock conditions, and return the CPU to a system recovery routine.
The watchdog timer signals used for detecting malfunctions can be programmed as watchdog interrupt request sig-
nals or watchdog timer reset signals.
Note: Care must be taken in system designing since the watchdog timer may not fulfill its functions due to disturbing noise
and other effects.
5.1
Configuration
Figure 5-1 Watchdog Timer Configuration
5.2
Control
The watchdog timer is controlled by the watchdog timer control register (WDCTR), the watchdog timer control
code register (WDCDR), the watchdog timer counter monitor (WDCNT) and the watchdog timer status (WDST).
The watchdog timer is enabled automatically just after the warm-up operation that follows reset is finished.
Watchdog timer control register
WDCTR
(0x0FD4)
76543
210
Bit Symbol
-
-
WDTEN
WDTW
WDTT
WDTOUT
Read/Write
R
R
R/W
R/W
R/W
R/W
After reset
10100
110
Source clock
Watchdog timer interrupt requestl
CPU/peripheral circuits reset
fcgck/2
10
or fs/2
3
fcgck/2
12
or fs/2
5
fcgck/2
14
or fs/2
7
fcgck/2
16
or fs/2
9
Watchdog timer reset signal
2
8
WDCTR
WDCDR
WDCNT
WDST
Overflow
Clear
2
3
4
6
7
8
5
Control code
decoder
Disable
control circuit
Disable code
(0xB1)
Clear code
(0x4E)
Clear time control circuit
8-bit up counter
Interrupt
request/reset
signal control
circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com