Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 42 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 42 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 38Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 39Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 40Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 41Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 42Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 43Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 44Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 45Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 46Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 410 page
background image
Page 28
2. CPU Core
2.3 System clock controller
TMP89FS60
RA001
2. Release by key-on wakeup
3. Release by the voltage detection circuits
Note: During the STOP period (from the start of the STOP mode to the end of the warm-up), due to
changes in the external interrupt pin signal, interrupt latches may be set to "1" and interrupts may
be accepted immediately after the STOP mode is released. Before starting the STOP mode,
therefore, disable interrupts. Also, before enabling interrupts after STOP mode is released, clear
unnecessary interrupt latches.
1. Release by the STOP pin
Release the STOP mode by using the STOP pin.
To release the STOP mode by using the STOP pin, set VDCR2<VDSS> to "00" or "10".
(For details of VDCR2, refer to the section of voltage detection circuits.)
The STOP mode release by the STOP pin includes the level-sensitive release mode and the
edge-sensitive release mode, either of which can be selected at SYSCR1<RELM>.
The STOP pin is also used as the P11 port and the INT5 (external interrupt input 5) pin.
Note: When the STOP mode is released, the warm-up counter source clock automatically changes to the clock that generated the
main system clock when the STOP mode was started, regardless of WUCCR<WUCSEL>.
- Level-sensitive release mode
The STOP mode is released by setting the STOP pin high.
Setting SYSCR1<RELM> to "1" selects the level-sensitive release mode.
This mode is used for the capacitor backup when the main power supply is cut off and
the long term battery backup.
Even if an instruction for starting the STOP mode is executed while the STOP pin in-
put is high, the STOP mode does not start. Thus, to start the STOP mode in the level-
sensitive release mode, it is necessary for the program to first confirm that the STOP pin
input is low.
This can be confirmed by testing the port by the software or using interrupts
Note:
When the STOP mode is released, the warm-up counter source clock automatically changes
to the clock that generated the main system clock when the STOP mode was started, regard-
less of WUCCR<WUCSEL>.
Example: Starting the STOP mode from the SLOW mode with an INT5 interrupt
(Warm-up time at release of the STOP mode is about 450ms at fs=32.768 KHz.)
PINT5:
TEST
(P0PRD).5
; To reject noise, the STOP mode does not start
JRS
F, SINT5
; if the STOP pin input is high.
LD
(SYSCR1), 0x40
; Sets up the level-sensitive release mode
LD
(WUCCR), 0x03
; WUCCR<WUCDIV> = 00 (No division) (Note)
LD
(WUCDR),0xE8
;
;
Sets the warm-up time
450 ms/1.953 ms = 230.4
→ round up to 0xE8
DI
; IMF = 0
SET
(SYSCR1).7
; Starts the STOP mode
SINT5:
RETI
STOP pin
XOUT pin
NORMAL mode
The STOP mode is released by the hardware.
NORMAL mode
VIH
Warm-up
STOP mode
Confirm by program that
the STOP pin input is low
and start the STOP mode.
Always released if the
STOP pin input is high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com