Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 103 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 103 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 99Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 100Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 101Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 102Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 103Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 104Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 105Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 106Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 107Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 410 page
background image
Page 89
TMP89FS60
RA005
8. I/O Ports
Note: P00 and P01 pins can not be used for the I/O port, because they should be connected with the high frequency OSC
input.
Each output port contains a latch, which holds the output data. No input port has a latch, so the external input data
should be externally held until the input data is read from outside or reading should be performed several times
before processing. Figure 8-1 shows input/output timing examples.
External data is read from an I/O port in the read cycle during execution of the read instruction. This timing cannot
be recognized from outside, so that transient input such as chattering must be processed by the program. Data is out-
put to an I/O port in the next cycle of the write cycle during execution of the write instruction.
Figure 8-1 Input/Output Timing (Example)
The TMP89FS60 has 9 parallel input/output ports (58 pins) as follows:
Table 8-1
List of I/O Ports
Port name
Pin name
Number of pins
Input/output
Secondary functions
Port P0
P03 to P00
(Note)
4
(Note)
Input/output
Also used as the high-frequency oscillator connection pin and the
low-frequency oscillator connection pin
Port P1
P13 to P10
4
Input/output
Also used as the external reset input, the external interrupt input and
the STOP mode release signal input
Port P2
P27 to P20
8
Input/output
Also used as the UART input/output, the serial interface input/output
and the serial bus interface input/output
Port P4
P47 to P40
8
Input/output
Also used as the analog input and the key-on wakeup input
Port P5
P57 to P50
8
Input/output
Also used as the analog input
Port P7
P77 to P70
8
Input/output
Also used as the timer counter input/output, the divider output and
the external interrupt input
Port P8
P84 to P80
5
Input/output
Also used as the timer counter input/output
Port P9
P94 to P90
5
Input/output
Also used as the UART input/output and the serial interface input/out-
put
Port PB
PB7 to PB0
8
Input/output
Instruction
execution cycle
System clock
Internal read
signal
Data input
Example: LD A, (x)
Fetch cycle
Fetch cycle
Read cycle
Instruction
execution cycle
Internal write
signal
Data input
Example: LD (x), A
Fetch cycle
Fetch cycle
(a) Input timing
Write cycle
(b) Input timing
System clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com