Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 219 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 219 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 215Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 216Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 217Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 218Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 219Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 220Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 221Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 222Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 223Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 410 page
background image
Page 205
TMP89FS60
RA000
15.4 Real Time Clock Operation
15.4.1 Enabling the real time clock operation
Set the interrupt generation interval to RTCCR<RTCSEL>, and at the same time, set RTCCR<RTCRUN> to
"1".
When RTCCR<RTCRUN> is set to "1", the binary counter for the real time clock starts counting of the low-
frequency clock.
When the interrupt generation interval selected at RTCCR<RTCSEL> is reached, a real time clock interrupt
request (INTRTC) is generated and the counter continues counting.
15.4.2 Disabling the real time clock operation
Clear RTCCR<RTCRUN> to "0".
When RTCCR<RTCRUN> is cleared to "0", the binary counter for the real time clock is cleared to "0" and
stops counting of the low-frequency clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com