Electronic Components Datasheet Search
  English  ▼

X  

ADV3000 Datasheet(PDF) 6 Page - Analog Devices

Part # ADV3000
Description  3:1 HDMI/DVI Switch with Equalization
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3000 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADV3000 Datasheet HTML 2Page - Analog Devices ADV3000 Datasheet HTML 3Page - Analog Devices ADV3000 Datasheet HTML 4Page - Analog Devices ADV3000 Datasheet HTML 5Page - Analog Devices ADV3000 Datasheet HTML 6Page - Analog Devices ADV3000 Datasheet HTML 7Page - Analog Devices ADV3000 Datasheet HTML 8Page - Analog Devices ADV3000 Datasheet HTML 9Page - Analog Devices ADV3000 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ADV3000
Rev. 0 | Page 6 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
ADV3000
TOP VIEW
(Not to Scale)
2
3
4
7
6
5
1
8
9
10
12
13
14
15
16
17
18
19
20
11
59
58
57
54
55
56
60
53
52
51
49
48
47
46
45
44
43
42
41
50
21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61
PIN 1
AVCC
IN_B0
IP_B0
IN_B1
IP_B1
VTTI
IN_B2
IP_B2
IN_B3
IP_B3
IN_A0
IP_A0
IN_A1
IP_A1
VTTI
IN_A2
IP_A2
IN_A3
IP_A3
AVEE
AVCC
IP_C3
IN_C3
AVEE
IP_C2
IN_C2
VTTI
IP_C1
IN_C1
AVEE
IP_C0
IN_C0
AVCC
AVEE
VTTI
AVCC
AVEE
I2C_SDA
I2C_SCL
PP_OCL
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1, 45, 48, 60
AVCC
Power
Positive Analog Supply. 3.3 V nominal.
2
IN_B0
HS I
High Speed Input Complement.
3
IP_B0
HS I
High Speed Input.
4
IN_B1
HS I
High Speed Input Complement.
5
IP_B1
HS I
High Speed Input.
6, 15, 46, 54
VTTI
Power
Input Termination Supply. Nominally connected to AVCC.
7
IN_B2
HS I
High Speed Input Complement.
8
IP_B2
HS I
High Speed Input.
9
IN_B3
HS I
High Speed Input Complement.
10
IP_B3
HS I
High Speed Input.
11
IN_A0
HS I
High Speed Input Complement.
12
IP_A0
HS I
High Speed Input.
13
IN_A1
HS I
High Speed Input Complement.
14
IP_A1
HS I
High Speed Input.
16
IN_A2
HS I
High Speed Input Complement.
17
IP_A2
HS I
High Speed Input.
18
IN_A3
HS I
High Speed Input Complement.
19
IP_A3
HS I
High Speed Input.
20, 44, 47, 51, 57
AVEE
Power
Negative Analog Supply. 0 V nominal.
21
I2C_ADDR0
Control
I2C Address LSB.
22, 76
DVEE
Power
Negative Digital and Auxiliary Multiplexer Power Supply. 0 V nominal.
23
PP_CH0
Control
High Speed Source Selection Parallel Interface LSB.
24
PP_CH1
Control
High Speed Source Selection Parallel Interface MSB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com