Electronic Components Datasheet Search
  English  ▼

X  

ADV3000 Datasheet(PDF) 7 Page - Analog Devices

Part # ADV3000
Description  3:1 HDMI/DVI Switch with Equalization
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3000 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADV3000 Datasheet HTML 3Page - Analog Devices ADV3000 Datasheet HTML 4Page - Analog Devices ADV3000 Datasheet HTML 5Page - Analog Devices ADV3000 Datasheet HTML 6Page - Analog Devices ADV3000 Datasheet HTML 7Page - Analog Devices ADV3000 Datasheet HTML 8Page - Analog Devices ADV3000 Datasheet HTML 9Page - Analog Devices ADV3000 Datasheet HTML 10Page - Analog Devices ADV3000 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
ADV3000
Rev. 0 | Page 7 of 28
Pin No.
Mnemonic
Type1
Description
25, 31, 40
DVCC
Power
Positive Digital Power Supply. 3.3 V nominal.
26
ON0
HS O
High Speed Output Complement.
27
OP0
HS O
High Speed Output.
28, 34
VTTO
Power
Output Termination Supply. Nominally connected to AVCC.
29
ON1
HS O
High Speed Output Complement.
30
OP1
HS O
High Speed Output.
32
ON2
HS O
High Speed Output Complement.
33
OP2
HS O
High Speed Output.
35
ON3
HS O
High Speed Output Complement.
36
OP3
HS O
High Speed Output.
37
RESET
Control
Configuration Registers Reset. Normally pulled up to AVCC.
38
PP_PRE0
Control
High Speed Pre-Emphasis Selection Parallel Interface LSB.
39
PP_PRE1
Control
High Speed Pre-Emphasis Selection Parallel Interface MSB.
40
DVCC
Power
Positive Digital Supply. 3.3 V nominal.
41
PP_OCL
Control
High Speed Output Current Level Parallel Interface.
42
I2C_SCL
Control
I2C Clock.
43
I2C_SDA
Control
I2C Data.
49
IN_C0
HS I
High Speed Input Complement.
50
IP_C0
HS I
High Speed Input.
52
IN_C1
HS I
High Speed Input Complement.
53
IP_C1
HS I
High Speed Input.
55
IN_C2
HS I
High Speed Input Complement.
56
IP_C2
HS I
High Speed Input.
58
IN_C3
HS I
High Speed Input Complement.
59
IP_C3
HS I
High Speed Input.
61
PP_EN
Control
High Speed Output Enable Parallel Interface.
62
PP_EQ
Control
High Speed Equalization Selection Parallel Interface.
63
AMUXVCC
Power
Positive Auxiliary Multiplexer Supply. 5 V typical.
64
AUX_C3
LS I/O
Low Speed Input/Output.
65
AUX_C2
LS I/O
Low Speed Input/Output.
66
AUX_C1
LS I/O
Low Speed Input/Output.
67
AUX_C0
LS I/O
Low Speed Input/Output.
68
AUX_COM3
LS I/O
Low Speed Common Input/Output.
69
AUX_COM2
LS I/O
Low Speed Common Input/Output.
70
AUX_COM1
LS I/O
Low Speed Common Input/Output.
71
AUX_COM0
LS I/O
Low Speed Common Input/Output.
72
AUX_B3
LS I/O
Low Speed Input/Output.
73
AUX_B2
LS I/O
Low Speed Input/Output.
74
AUX_B1
LS I/O
Low Speed Input/Output.
75
AUX_B0
LS I/O
Low Speed Input/Output.
77
AUX_A3
LS I/O
Low Speed Input/Output.
78
AUX_A2
LS I/O
Low Speed Input/Output.
79
AUX_A1
LS I/O
Low Speed Input/Output.
80
AUX_A0
LS I/O
Low Speed Input/Output.
1 HS = high speed, LS = low speed, I = input, O = output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com