Electronic Components Datasheet Search
  English  ▼

X  

ADV3000 Datasheet(PDF) 11 Page - Analog Devices

Part # ADV3000
Description  3:1 HDMI/DVI Switch with Equalization
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3000 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADV3000 Datasheet HTML 7Page - Analog Devices ADV3000 Datasheet HTML 8Page - Analog Devices ADV3000 Datasheet HTML 9Page - Analog Devices ADV3000 Datasheet HTML 10Page - Analog Devices ADV3000 Datasheet HTML 11Page - Analog Devices ADV3000 Datasheet HTML 12Page - Analog Devices ADV3000 Datasheet HTML 13Page - Analog Devices ADV3000 Datasheet HTML 14Page - Analog Devices ADV3000 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
ADV3000
Rev. 0 | Page 11 of 28
DIFFERENTIAL INPUT SWING (V)
TA = 27°C, AVCC = 3.3 V, VTTI = 3.3 V, VTTO = 3.3 V, DVCC = 3.3 V, AMUXVCC = 5 V, AVEE = 0 V, DVEE = 0 V, differential input
swing = 1000 mV, TMDS outputs terminated with external 50 Ω resistors to 3.3 V, pattern = PRBS 27 − 1, data rate = 2.25 Gbps, unless
otherwise noted.
0
02.0
40
50
30
20
10
50
0
2.5
3.7
INPUT COMMON-MODE VOLTAGE (V)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
RJ (rms)
DJ (p-p)
Figure 20. Jitter vs. Differential Input Swing
50
0
–40
100
TEMPERATURE (°C)
45
40
35
30
25
20
15
10
5
–20
0
2040
6080
DJ (p-p)
RJ (rms)
Figure 21. Jitter vs. Temperature
160
0
–40
100
TEMPERATURE (°C)
140
120
100
80
60
40
20
–20
0
2040
6080
RISE TIME
FALL TIME
Figure 22. Rise and Fall Time vs. Temperature
40
30
20
10
DJ (p-p)
2.7
2.9
3.1
3.3
3.5
RJ (rms)
Figure 23. Jitter vs. Input Common-Mode Voltage
120
80
–40
100
TEMPERATURE (°C)
115
110
105
100
95
90
85
–20
0
20406080
Figure 24. Differential Input Termination Resistance vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com