Electronic Components Datasheet Search
  English  ▼

X  

ADV3000 Datasheet(PDF) 25 Page - Analog Devices

Part # ADV3000
Description  3:1 HDMI/DVI Switch with Equalization
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3000 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADV3000 Datasheet HTML 20Page - Analog Devices ADV3000 Datasheet HTML 21Page - Analog Devices ADV3000 Datasheet HTML 22Page - Analog Devices ADV3000 Datasheet HTML 23Page - Analog Devices ADV3000 Datasheet HTML 24Page - Analog Devices ADV3000 Datasheet HTML 25Page - Analog Devices ADV3000 Datasheet HTML 26Page - Analog Devices ADV3000 Datasheet HTML 27Page - Analog Devices ADV3000 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
ADV3000
Rev. 0 | Page 25 of 28
Power Supply Bypassing
The ADV3000 requires minimal supply bypassing. When
powering the supplies individually, place a 0.01 μF capacitor
between each 3.3 V supply pin (AVCC, DVCC, VTTI, and VTTO)
and ground to filter out supply noise. Generally, bypass capacitors
should be placed near the power pins and should connect directly
to the relevant supplies (without long intervening traces). For
example, to improve the parasitic inductance of the power supply
decoupling capacitors, minimize the trace length between
capacitor landing pads and the vias as shown in Figure 34.
EXTRA ADDED INDUCTANCE
RECOMMENDED
NOT RECOMMENDED
Figure 34. Recommended Pad Outline for Bypass Capacitors
In applications where the ADV3000 is powered by a single 3.3 V
supply, it is recommended to use two reference supply planes
and bypass the 3.3 V reference plane to the ground reference
plane with one 220 pF, one 1000 pF, two 0.01 μF, and one 4.7 μF
capacitors. The capacitors should via down directly to the
supply planes and be placed within a few centimeters of the
ADV3000. The AMUXVCC supply does not require additional
bypassing. This bypassing scheme is illustrated in Figure 35.
ADV3000
DECOUPLING
CAPACITORS
AUXILIARY LINES
TMDS TRACES
Figure 35. Example Placement of Power Supply Decoupling Capacitors
Around the ADV3000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com