Electronic Components Datasheet Search
  English  ▼

X  

ADV3000 Datasheet(PDF) 22 Page - Analog Devices

Part # ADV3000
Description  3:1 HDMI/DVI Switch with Equalization
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3000 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADV3000 Datasheet HTML 18Page - Analog Devices ADV3000 Datasheet HTML 19Page - Analog Devices ADV3000 Datasheet HTML 20Page - Analog Devices ADV3000 Datasheet HTML 21Page - Analog Devices ADV3000 Datasheet HTML 22Page - Analog Devices ADV3000 Datasheet HTML 23Page - Analog Devices ADV3000 Datasheet HTML 24Page - Analog Devices ADV3000 Datasheet HTML 25Page - Analog Devices ADV3000 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
ADV3000
Rev. 0 | Page 22 of 28
CABLE LENGTHS AND EQUALIZATION
The ADV3000 offers two levels of programmable equalization
for the high speed inputs: 6 dB and 12 dB. The equalizer of
the ADV3000 supports video data rates of up to 2.25 Gbps, and
as shown in Figure 14, it can equalize more than 20 meters of 24
AWG HDMI cable at 2.25 Gbps, which corresponds to the video
format, 1080p with deep color.
The length of cable that can be used in a typical HDMI/DVI
application depends on a large number of factors, including:
•
Cable quality: the quality of the cable in terms of conductor
wire gauge and shielding. Thicker conductors have lower
signal degradation per unit length.
•
Data rate: the data rate being sent over the cable. The signal
degradation of HDMI cables increases with data rate.
•
Edge rates: the edge rates of the source input. Slower input
edges result in more significant data eye closure at the end
of a cable.
•
Receiver sensitivity: the sensitivity of the terminating
receiver.
As such, specific cable types and lengths are not recommended
for use with a particular equalizer setting. In nearly all applica-
tions, the ADV3000 equalization level can be set to high, or
12 dB, for all input cable configurations at all data rates, without
degrading the signal integrity.
PCB LAYOUT GUIDELINES
The ADV3000 is used to switch two distinctly different types of
signals, both of which are required for HDMI and DVI video.
These signal groups require different treatment when laying out
a PC board.
The first group of signals carries the audiovisual (AV) data. HDMI/
DVI video signals are differential, unidirectional, and high speed
(up to 2.25 Gbps). The channels that carry the video data must
be controlled impedance, terminated at the receiver, and capable
of operating at the maximum specified system data rate. It is
especially important to note that the differential traces that
carry the TMDS signals should be designed with a controlled
differential impedance of 100 Ω. The ADV3000 provides single-
ended, 50 Ω terminations on-chip for both its inputs and
outputs, and both the input and output terminations can be
enabled or disabled through the serial control interface. The
output terminations can also be enabled or disabled through the
parallel control interface. Transmitter termination is not required
by the HDMI 1.3 standard, but its inclusion improves the overall
system signal integrity.
The audiovisual (AV) data carried on these high speed channels
is encoded by a technique called transmission minimized differ-
ential signaling (TMDS) and in the case of HDMI, is also encrypted
according to the high bandwidth digital copy protection (HDCP)
standard.
The second group of signals consists of low speed auxiliary
control signals used for communication between a source and a
sink. Depending upon the application, these signals can include
the DDC bus (this is an I2C bus used to send EDID information
and HDCP encryption keys between the source and the sink),
the consumer electronics control (CEC) line, and the hot plug
detect (HPD) line. These auxiliary signals are bidirectional, low
speed, and transferred over a single-ended transmission line
that does not need to have controlled impedance. The primary
concern with laying out the auxiliary lines is ensuring that they
conform to the I2C bus standard and do not have excessive
capacitive loading.
TMDS Signals
In the HDMI/DVI standard, four differential pairs carry the
TMDS signals. In DVI, three of these pairs are dedicated to
carrying RGB video and sync data. For HDMI, audio data is
interleaved with the video data; the DVI standard does not
incorporate audio information. The fourth high speed differ-
ential pair is used for the AV data-word clock, and runs at
one-tenth the speed of the TMDS data channels.
The four high speed channels of the ADV3000 are identical.
No concession was made to lower the bandwidth of the fourth
channel for the pixel clock, so any channel can be used for any
TMDS signal. The user chooses which signal is routed over
which channel. Additionally, the TMDS channels are symmetrical;
therefore, the p and n of a given differential pair are inter-
changeable, provided the inversion is consistent across all inputs
and outputs of the ADV3000. However, the routing between
inputs and outputs through the ADV3000 is fixed. For example,
Output Channel 0 always switches between Input A0, Input B0,
Input C0, and so forth.
The ADV3000 buffers the TMDS signals and the input traces
can be considered electrically independent of the output traces.
In most applications, the quality of the signal on the input TMDS
traces is more sensitive to the PCB layout. Regardless of the data
being carried on a specific TMDS channel, or whether the TMDS
line is at the input or the output of the ADV3000, all four high
speed signals should be routed on a PCB in accordance with the
same RF layout guidelines.
Layout for the TMDS Signals
The TMDS differential pairs can be either microstrip traces,
routed on the outer layer of a board, or stripline traces, routed
on an internal layer of the board. If microstrip traces are used,
there should be a continuous reference plane on the PCB layer
directly below the traces. If stripline traces are used, they must
be sandwiched between two continuous reference planes in the
PCB stack-up. Additionally, the p and n of each differential pair
must have a controlled differential impedance of 100 Ω. The
characteristic impedance of a differential pair is a function of
several variables including the trace width, the distance separating
the two traces, the spacing between the traces and the reference
plane, and the dielectric constant of the PC board binder material.
Interlayer vias introduce impedance discontinuities that can
cause reflections and jitter on the signal path, therefore, it is
preferable to route the TMDS lines exclusively on one layer of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com