Electronic Components Datasheet Search
  English  ▼

X  

DSP56321VL200 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # DSP56321VL200
Description  24-Bit Digital Signal Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56321VL200 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button DSP56321VL200 Datasheet HTML 18Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 21Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 22Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 23Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 24Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 25Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 84 page
background image
DSP56321 Technical Data, Rev. 11
2-2
Freescale Semiconductor
Specifications
2.2 Thermal Characteristics
2.3 DC Electrical Characteristics
Table 2-2.
Thermal Characteristics
Thermal Resistance Characteristic
Symbol
MAP-BGA
Value
Unit
Junction-to-ambient, natural convection, single-layer board (1s)1,2
RθJA
44
°C/W
Junction-to-ambient, natural convection, four-layer board (2s2p)1,3
RθJMA
25
°C/W
Junction-to-ambient, @200 ft/min air flow, single-layer board (1s)1,3
RθJMA
35
°C/W
Junction-to-ambient, @200 ft/min air flow, four-layer board (2s2p)1,3
RθJMA
22
°C/W
Junction-to-board
4
RθJB
13
°C/W
Junction-to-case thermal resistance
5
RθJC
7
°C/W
Notes:
1.
Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal
resistance.
2.
Per SEMI G38-87 and JEDEC JESD51-2 with the single-layer board horizontal.
3.
Per JEDEC JESD51-6 with the board horizontal.
4.
Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured on
the top surface of the board near the package.
5.
Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883 Method
1012.1).
Table 2-3.
DC Electrical Characteristics7
Characteristics
Symbol
Min
Typ
Max
Unit
Supply voltage
1:
•Core (VCCQL)
•I/O (VCCQH, VCCA, VCCD, VCCC, VCCH, and VCCS)
1.5
3.0
1.6
3.3
1.7
3.6
V
V
Input high voltage
•
D[0–23], BG, BB, TA
•
MOD/IRQ
2 RESET, PINIT/NMI and all
JTAG/ESSI/SCI/Timer/HI08 pins
•EXTAL9
VIH
VIHP
VIHX
2.0
2.0
0.8
× VCCQH
—
—
—
VCCQH + 0.3
VCCQH + 0.3
VCCQH
V
V
V
Input low voltage
•
D[0–23], BG, BB, TA, MOD/IRQ2, RESET, PINIT
•
All JTAG/ESSI/SCI/Timer/HI08 pins
•EXTAL9
VIL
VILP
VILX
–0.3
–0.3
–0.3
—
—
—
0.8
0.8
0.2
× V
CCQH
V
V
V
Input leakage current
IIN
–10
—
10
µA
High impedance (off-state) input current
(@ 2.4 V / 0.4 V)
ITSI
–10
—
10
µA
Output high voltage8
•TTL (IOH = –0.4 mA)
6
•CMOS (IOH = –10 µA)
6
VOH
2.4
VCCQH – 0.01
—
—
—
—
V
V
Output low voltage
8
•TTL (IOL = 3.0 mA)
6
•CMOS (IOL = 10 µA)
6
VOL
—
—
—
—
0.4
0.01
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com