Electronic Components Datasheet Search
  English  ▼

X  

DSP56321VL200 Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # DSP56321VL200
Description  24-Bit Digital Signal Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56321VL200 Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button DSP56321VL200 Datasheet HTML 48Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 49Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 50Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 51Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 52Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 53Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 54Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 55Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 84 page
background image
DSP56321 Technical Data, Rev. 11
3-2
Freescale Semiconductor
Packaging
3.1 Package Description
Top and bottom views of the MAP-BGA packages are shown in Figure 3-1 and Figure 3-2 with their pin-outs.
Figure 3-1.
DSP56321 MAP-BGA Package, Top View
Top View
13
4
25
6
7
8
10
14
13
12
11
9
VCCQH
HACK
HREQ
B
C
D
E
F
G
H
N
M
L
J
K
HA0
HRW
HDS
HCS
IRQD
H5
NC
H7
HA1
HA2
H2
VCCD
VCCQL
IRQA
D19
D18
VCCD
VCCD
VCCQL
VCCS
VCCQH
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
VCCA
VCCC
VCCA
VCCA
VCCQL
VCCH
VCCS
VCCQL
GND
GND
GND
GND
GND
GND
VCCD
VCCQH
IRQC
H4
H6
VCCQL
D12
D11
D15
D9
D5
D3
D0
A0
A17
A16
A1
A2
H1
H0
H3
TIO1
RXD
TIO2
TIO0
SCK1
TXD
SC12
SC11
STD1
SCK0
SRD0
SRD1
STD0
SC02
SC01
TDO
TMS
DE
TA
TDI
TCK
A15
A12
A7
A5
BG
GND
PINIT
AA0
TRST
SCLK
VCCC
P
A
IRQB
D23
D22
D21
D20
D17
D16
D14
D13
D10
D8
D7
D6
D4
D2
D1
A14
A13
A11
A10
A9
A8
A6
A4
A3
AA1
RD
WR
BB
BR
Res’d
XTAL
NC
AA3
AA2
GND
NC
RESET
SC00
SC10
NC
NC
NC
NC
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
EXTAL
NC
Res’d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com