Electronic Components Datasheet Search
  English  ▼

X  

DSP56321VL200 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # DSP56321VL200
Description  24-Bit Digital Signal Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56321VL200 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button DSP56321VL200 Datasheet HTML 24Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 25Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 26Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 27Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 84 page
background image
DSP56321 Technical Data, Rev. 11
2-8
Freescale Semiconductor
Specifications
Notes:
1.
When fast interrupts are used and IRQA, IRQB, IRQC, and IRQD are defined as level-sensitive, timings 19 through 21 apply to
prevent multiple interrupt service. To avoid these timing restrictions, the deasserted Edge-triggered mode is recommended
when fast interrupts are used. Long interrupts are recommended for Level-sensitive mode.
2.
This timing depends on several settings:
• For DPLL disable, using internal oscillator (DPLL Control Register (PCTL) Bit 2 = 0) and oscillator disabled during Stop (PCTL
Bit 1 = 0), a stabilization delay is required to assure that the oscillator is stable before programs are executed. Resetting the
Stop delay (Operating Mode Register Bit 6 = 0) provides the proper delay. While Operating Mode Register Bit 6 = 1 can be set,
it is not recommended, and these specifications do not guarantee timings for that case.
• For DPLL disable, using internal oscillator (PCTL Bit 2 = 0) and oscillator enabled during Stop (PCTL Bit 1 = 1), no stabilization
delay is required and recovery is minimal (Operating Mode Register Bit 6 setting is ignored).
• For DPLL disable, using external clock (PCTL Bit 2 = 1), no stabilization delay is required and recovery time is defined by the
PCTL Bit 1 and Operating Mode Register Bit 6 settings.
• For DPLL enable, if PCTL Bit 1 is 0, the DPLL is shut down during Stop. Recovering from Stop requires the DPLL to lock. The
DPLL lock procedure duration is defined in Table 2-6 and will be refined after silicon characterization. This procedure is followed
by the stop delay counter. Stop recovery ends when the stop delay counter completes its count.
• The DPLT value for DPLL disable is 0.
3.
Periodically sampled and not 100 percent tested.
4.
For an external clock generator, RESET duration is measured while RESET is asserted, VCC is valid, and the EXTAL input is
active and valid.
For an internal oscillator, RESET duration is measured while RESET is asserted and VCC is valid. The specified timing reflects
the crystal oscillator stabilization time after power-up. This number is affected both by the specifications of the crystal and other
components connected to the oscillator and reflects worst case conditions.
When the VCC is valid, but the other “required RESET duration” conditions (as specified above) have not been yet met, the
device circuitry is in an uninitialized state that can result in significant power consumption and heat-up. Designs should minimize
this state to the shortest possible duration.
5.
VCCQH = 3.3 V ± 0.3 V, VCCQL = 1.6 V ± 0.1 V; TJ = –40°C to +100°C, CL = 50 pF.
6.
WS = number of wait states (measured in clock cycles, number of TC).
7.
Use the expression to compute a maximum value.
Figure 2-3.
Reset Timing
Table 2-7.
Reset, Stop, Mode Select, and Interrupt Timing5
(CONTINUED)
No.
Characteristics
Expression
200 MHz
220 MHz
240 MHz
275 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max
VIH
RESET
Reset Value
First Fetch
All Pins
A[0–17]
8
9
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com