Electronic Components Datasheet Search
  English  ▼

X  

DSP56321VL200 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # DSP56321VL200
Description  24-Bit Digital Signal Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56321VL200 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button DSP56321VL200 Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 34Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 35Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 84 page
background image
DSP56321 Technical Data, Rev. 11
2-12
Freescale Semiconductor
Specifications
115 Address valid to RD
assertion
—0.5
× TC −2.0
0.5
—
0.3
—
0.1
—
–0.18
—
ns
116 RD assertion pulse width
—
(WS + 0.25)
× TC −3.0
[WS
≥ 3]
13.25
—
11.59
—
10.55
—
8.81
—
ns
117 RD deassertion to
address not valid
—1.25
× TC −4.0
[3
≤WS ≤7]
2.25
× T
C −4.0
[WS
≥ 8]
2.25
7.25
—
—
1.69
6.24
—
—
1.21
5.38
—
—
0.54
4.18
—
—
ns
ns
118 TA setup before RD or
WR deassertion5
—0.25
× T
C + 2.0
3.25
—
3.14
—
3.04
—
2.91
—
ns
119 TA hold after RD or WR
deassertion
—
0
—0
—0
—
0
—
ns
Notes:
1.
WS is the number of wait states specified in the BCR. The value is given for the minimum for a given category. (For example,
for a category of [3
≤WS ≤7] timing is specified for 3 wait states.) Three wait states is the minimum value otherwise.
2.
Timings 100 and 107 are guaranteed by design, not tested.
3.
All timings are measured from 0.5
× V
CCQH to 0.5 × VCCQH.
4.
The WS number applies to the access in which the deassertion of WR occurs and assumes the next access uses a minimal
number of wait states.
5.
Timing 118 is relative to the deassertion edge of RD or WR even if TA remains asserted.
Figure 2-10.
SRAM Read Access
Table 2-8.
SRAM Timing (Continued)
No.
Characteristics
Symbol
Expression1
200 MHz
220 MHz
240 MHz
275 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max
A[0–17]
RD
WR
D[0–23]
AA[0–3]
105
106
113
104
116
117
100
TA
118
Data
In
119
Note: Address lines A[0–17] hold their state after a
read or write operation. AA[0–3] do not hold their
state after a read or write operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com