Electronic Components Datasheet Search
  English  ▼

X  

DSP56321VL200 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # DSP56321VL200
Description  24-Bit Digital Signal Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56321VL200 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button DSP56321VL200 Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 18Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 84 page
background image
Enhanced Synchronous Serial Interface 1 (ESSI1)
DSP56321 Technical Data, Rev. 11
Freescale Semiconductor
1-11
1.8 Enhanced Synchronous Serial Interface 1 (ESSI1)
STD0
PC5
Output
Input or Output
Ignored Input
Serial Transmit Data—Transmits data from the Serial Transmit Shift Register.
STD0 is an output when data is transmitted.
Port C 5—The default configuration following reset is GPIO input PC5. When
configured as PC5, signal direction is controlled through the Port C Direction
Register. The signal can be configured as an ESSI signal STD0 through the Port
C Control Register.
Notes:
1.
In the Stop state, the signal maintains the last state as follows:
• If the last state is input, the signal is an ignored input.
• If the last state is output, these lines have weak keepers that maintain the last output state even if the drivers are tri-stated.
2.
The Wait processing state does not affect the signal state.
Table 1-12.
Enhanced Serial Synchronous Interface 1
Signal Name
Type
State During
Reset1,2
Signal Description
SC10
PD0
Input or Output
Input or Output
Ignored Input
Serial Control 0—For asynchronous mode, this signal is used for the receive
clock I/O (Schmitt-trigger input). For synchronous mode, this signal is used
either for transmitter 1 output or for serial I/O flag 0.
Port D 0—The default configuration following reset is GPIO input PD0. When
configured as PD0, signal direction is controlled through the Port D Direction
Register. The signal can be configured as an ESSI signal SC10 through the Port
D Control Register.
SC11
PD1
Input/Output
Input or Output
Ignored Input
Serial Control 1—For asynchronous mode, this signal is the receiver frame
sync I/O. For synchronous mode, this signal is used either for Transmitter 2
output or for Serial I/O Flag 1.
Port D 1—The default configuration following reset is GPIO input PD1. When
configured as PD1, signal direction is controlled through the Port D Direction
Register. The signal can be configured as an ESSI signal SC11 through the Port
D Control Register.
SC12
PD2
Input/Output
Input or Output
Ignored Input
Serial Control Signal 2—The frame sync for both the transmitter and receiver
in synchronous mode and for the transmitter only in asynchronous mode. When
configured as an output, this signal is the internally generated frame sync signal.
When configured as an input, this signal receives an external frame sync signal
for the transmitter (and the receiver in synchronous operation).
Port D 2—The default configuration following reset is GPIO input PD2. When
configured as PD2, signal direction is controlled through the Port D Direction
Register. The signal can be configured as an ESSI signal SC12 through the Port
D Control Register.
Table 1-11.
Enhanced Synchronous Serial Interface 0 (Continued)
Signal Name
Type
State During
Reset1,2
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com