Electronic Components Datasheet Search
  English  ▼

X  

DSP56321VL200 Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # DSP56321VL200
Description  24-Bit Digital Signal Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56321VL200 Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button DSP56321VL200 Datasheet HTML 27Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 34Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 84 page
background image
AC Electrical Characteristics
DSP56321 Technical Data, Rev. 11
Freescale Semiconductor
2-11
2.4.5
External Memory Expansion Port (Port A)
2.4.5.1 SRAM Timing
Table 2-8.
SRAM Timing
No.
Characteristics
Symbol
Expression1
200 MHz
220 MHz
240 MHz
275 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max
100 Address valid and AA
assertion pulse width2
tRC, tWC
(WS + 2)
× T
C −4.0
[3
≤WS ≤7]
(WS + 3)
× TC −4.0
[WS
≥ 8]
21.0
51.0
—
18.8
46.0
—
16.9
41.9
—
15.0
36.0
—
ns
ns
101 Address and AA valid to
WR assertion
tAS
0.75
× TC – 3.0
[WS = 3]
1.25
× TC – 3.0
[WS
≥ 4]
0.75
3.25
—
—
0.41
2.69
—
—
0.13
2.21
—
—
–0.27
1.54
—
—
ns
ns
102 WR assertion pulse width
tWP
WS
× TC −4.0
[WS = 3]
(WS
−0.5) × T
C −4.0
[WS
≥ 4]
11.0
13.5
—
—
9.65
11.93
—
—
8.51
10.6
—
—
6.9
8.72
—
—
ns
ns
103 WR deassertion to
address not valid
tWR
1.25
× T
C −4.0
[3
≤WS ≤7]
2.25
× TC −4.0
[WS
≥ 8]
2.25
7.25
—
—
1.69
6.24
—
—
1.21
5.38
—
—
0.54
4.18
—
—
ns
ns
104 Address and AA valid to
input data valid
tAA, tAC
(WS + 0.75)
× TC −5.8
[WS
≥ 3]
—
12.9
—
11.2
—
9.8
—
7.84
ns
105 RD assertion to input data
valid
tOE
(WS + 0.25)
× TC −6.5
[WS
≥ 3]
—
9.75
—
8.29
—
7.05
—
5.31
ns
106 RD deassertion to data
not valid (data hold time)
tOHZ
0.0
—
0.0
—
0.0
—
0.0
—
ns
107 Address valid to WR
deassertion2
tAW
(WS + 0.75)
× TC −4.0
[WS
≥ 3]
14.75
—
13.06
—
11.64
—
9.63
—
ns
108 Data valid to WR
deassertion (data setup
time)
tDS (tDW)(WS −0.25) × TC −5.4
[WS
≥ 3]
8.35
—
7.11
—
6.07
—
4.6
—
ns
109 Data hold time from WR
deassertion
tDH
1.25
× T
C −4.0
[3
≤WS ≤7]
2.25
× TC −4.0
[WS
≥ 8]
2.25
7.25
—
—
1.69
6.23
—
—
1.21
5.38
—
—
0.54
4.18
—
—
ns
ns
110 WR assertion to data
active
—0.25
× TC −4.0
[WS
= 3]
–0.25
× TC −4.0
[WS
≥ 4]
–2.75
–5.25
—
—
–2.86
–5.14
—
—
–2.96
–5.04
—
—
–3.1
–4.91
—
—
ns
ns
111 WR deassertion to data
high impedance
—1.25
× TC
6.25
—
5.69
—
5.21
—
4.55
—
ns
112 Previous RD deassertion
to data active (write)
—2.25
× TC −4.0
7.25
—
6.23
—
5.38
—
4.18
—
ns
113 RD deassertion time
—
1.75
× TC −3.0
[3
≤WS ≤7]
2.75
× T
C −3.0
[WS
≥ 8]
5.75
10.75
—
—
4.96
9.51
—
—
4.3
8.47
—
—
3.36
7.0
—
—
ns
ns
114 WR deassertion time4
—2.0
× T
C −3.0
[3
≤WS ≤7]
3.0
× TC −3.0
[WS
≥ 8]
7.0
12.0
—
—
6.1
10.6
—
—
5.3
9.5
—
—
4.27
7.91
—
—
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com