Electronic Components Datasheet Search
  English  ▼

X  

DSP56321VL200 Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # DSP56321VL200
Description  24-Bit Digital Signal Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56321VL200 Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button DSP56321VL200 Datasheet HTML 55Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 56Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 57Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 58Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 59Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 60Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 61Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 62Page - Freescale Semiconductor, Inc DSP56321VL200 Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 84 page
background image
Package Description
DSP56321 Technical Data, Rev. 11
Freescale Semiconductor
3-9
MODA
C4
PB4
N3
Reserved
M9
MODB
A5
PB5
P2
Reserved
N10
MODC
C5
PB6
N1
RESET
N5
MODD
B5
PB7
N2
RXD
F1
NC
A1
PB8
M3
SC00
F3
NC
A14
PB9
M1
SC01
D2
NC
B14
PC0
F3
SC02
C1
NC
M10
PC1
D2
SC10
F2
NC
N8
PC2
C1
SC11
A2
NC
P1
PC3
H3
SC12
B2
NC
P5
PC4
E3
SCK0
H3
NC
P14
PC5
E1
SCK1
G1
NMI
D1
PD0
F2
SCLK
G2
PB0
M5
PD1
A2
SRD0
E3
PB1
P4
PD2
B2
SRD1
B1
PB10
M2
PD3
G1
STD0
E1
PB11
J2
PD4
B1
STD1
C2
PB12
J3
PD5
C2
TA
P10
PB13
L1
PE0
F1
TCK
C3
PB14
K2
PE1
G3
TDI
B3
PB15
J1
PE2
G2
TDO
A4
PB2
N4
PINIT
D1
TIO0
L3
PB3
P3
RD
M12
TIO1
L2
Table 3-2.
Signal List by Signal Name (Continued)
Signal Name
Ball
No.
Signal Name
Ball
No.
Signal Name
Ball
No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com