Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS34FG Datasheet(PDF) 40 Page - Toshiba Semiconductor

Part # TMP88CS34FG
Description  CMOS 8-Bit Microcontroller
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS34FG Datasheet(HTML) 40 Page - Toshiba Semiconductor

Back Button TMP88CS34FG Datasheet HTML 36Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 37Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 38Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 39Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 40Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 41Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 42Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 43Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 44Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 215 page
background image
TMP88CS34/CP34
2007-09-12
88CS34-40
Note:
Corrective address must be assigned to 1st byte of instruction codes on the program jump
mode.
(2) Data replacement mode
In the data replacement mode, the system replaces reference data stored in the ROM
area with the new instead of correcting the data reference instruction when that reference
data is changed.
The program jump mode reduces the complexity of correcting the processing routine.
However, when this mode is used, if there is a need to replace only the fixed data in ROM,
the instruction to reference this ROM data should be corrected. Thus, a large amount of
ROM is required for the patch program. To avoid this, the system has the data replacement
mode. With this mode, three consecutive bytes of data can be replaced for each bank. (For
an instruction which accesses only one byte, only the first byte can be replaced. For an
instruction which accesses only two bytes, the two consecutive bytes can be replaced.)
Setting ROMCCR CMx (x: 0 to 3) to “1” puts the system in the data replacement mode.
Specify the start address of ROM data to be replaced as the corrective ROM address. Then,
specify the new three-byte data as the patch data.
Note:
For data replacement mode, the corrective address should be the address of fixed data
(including a vector). (The operation code and operand cannot be changed.)
Example 1: Setting the Program Correction Circuit with the Initial Routine
Using the initial routine program, which is executed right after reset, set the
program correction circuit's register as follows.
1.
Read the flag, which indicates whether to use the program correction circuit, from
the external memory.
2.
If that circuit is not used, perform normal initial processing.
3.
If it is used, set CMx to “1” to establish the data replacement mode.
4.
Read the address of the data to be replaced and the patch data from the external
memory.
5.
Set the address and patch data, which were read in step 4., in ROMCDR.
6.
Repeat steps 4. and 5. as many times as there are required banks.
JP 0C086H
DBR
SFR
RAM
00000H
0003FH
00040H
006BFH
00F80H
00FFFH
04000H
FFFFFH
ROM
Bug area
0C020H
0C085H
0C086H
Patch
program
Return
00400H
004EFH
004F0H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com