Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS34FG Datasheet(PDF) 24 Page - Toshiba Semiconductor

Part # TMP88CS34FG
Description  CMOS 8-Bit Microcontroller
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS34FG Datasheet(HTML) 24 Page - Toshiba Semiconductor

Back Button TMP88CS34FG Datasheet HTML 20Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 21Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 22Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 23Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 24Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 25Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 26Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 27Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 28Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 215 page
background image
TMP88CS34/CP34
2007-09-12
88CS34-24
1. Interrupt Master enable Flag (IMF)
The interrupt master enable flag (IMF) enables and disables the acceptance of all
maskable interrupts. Clearing this flag to “0” disables the acceptance of all maskable
interrupts. Setting to “1” enables the acceptance of interrupts.
When an interrupt is accepted, this flag is cleared to “0” to temporarily disable the
acceptance of other maskable interrupts. After execution of the interrupt service
program, this flag is set to “1” by the maskable interrupt return instruction [RETI] to
again enable the acceptance of interrupts. If an interrupt request has already been
occurred, interrupt service starts immediately after execution of the [RETI]
instruction.
Pseudo non-maskable interrupts are returned by the [RETN] instruction. In this
case, the IMF is set to “1” only when pseudo non-maskable interrupt service is started
with interrupt acceptance enabled (IMF
= 1). Note that the IMF remains “0” when
cleared by the interrupt service program.
The IMF is assigned to bit 0 at address 0003AH in the SFR, and can be read and
written by an instruction. The IMF is normally set and cleared by the [EI] and [DI]
instructions, and the IMF is initialized to “0” during reset.
2. Individual interrupt Enable Flags (EF16 to EF3)
These flags enable and disable the acceptance of individual maskable interrupts,
except for an external interrupt 0. Setting the corresponding bit of an individual
interrupt enable flag to “1” enables acceptance of an interrupt, setting the bit to “0”
disables acceptance.
Example 1: Sets EF for individual interrupt enable, and sets IMF to “1”.
DI
; Disable interrupt
LD
(EIRE), 00000001B
; EF16 ← 1
LDW
(EIRL), 1110100010100001B
EF15 to EF13, EF11, EF7, EF5, IMF ← 1
Example 2: Sets an individual interrupt enable flag to “1”.
SET
(EIRH). 4
; EF12 ← 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com