Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS34FG Datasheet(PDF) 72 Page - Toshiba Semiconductor

Part # TMP88CS34FG
Description  CMOS 8-Bit Microcontroller
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS34FG Datasheet(HTML) 72 Page - Toshiba Semiconductor

Back Button TMP88CS34FG Datasheet HTML 68Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 69Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 70Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 71Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 72Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 73Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 74Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 75Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 76Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 215 page
background image
TMP88CS34/CP34
2007-09-12
88CS34-72
(2) Event counter mode
In this mode, events are counted on the rising edge of the TC2 pin input. The contents of
TC2DR are compared with the contents of the up-counter. If a match is found, an INTTC2
interrupt is generated, and the counter is cleared. The minimum pulse width to the TC2 pin
is shown in Table 2.6.2. Two or more machine cycles are required for both the “H” and “L”
levels of the pulse width. Match detect is executed on the falling edge of the TC2 pin. A
match can not be detected and INTTC2 is not generated when the pulse is still in a falling
state.
Example: Sets the event counter mode and generates an INTTC2 interrupt 640 counts
later.
LDW (TC2DR), 640
;
Sets TC2DR
DI
SET
(EIRH). 6
;
Enables INTTC2 interrupt
EI
LD
(TC2CR), 00011100B
;
Selects TC2 source clock
LD
(TC2CR), 00111100B
;
Starts TC2
Table 2.6.2 Timer/Counter 2 External Clock Source
Minimum pulse width [S]
NORMAL, IDLE mode
“H” width
2
3/fc
“L” width
2
3/fc
Figure 2.6.4 Event Counter Mode Timing Chart
1
2
3
1
2
3
n
Timer register
INTTC2 interrupt
TC2 pin input
Up-counter
0
n
Match detect
Counter clear
Count start
0
n
− 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com