Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS34FG Datasheet(PDF) 92 Page - Toshiba Semiconductor

Part # TMP88CS34FG
Description  CMOS 8-Bit Microcontroller
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS34FG Datasheet(HTML) 92 Page - Toshiba Semiconductor

Back Button TMP88CS34FG Datasheet HTML 88Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 89Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 90Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 91Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 92Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 93Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 94Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 95Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 96Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 215 page
background image
TMP88CS34/CP34
2007-09-12
88CS34-92
(3) Serial clock
a. Clock source
The SCK (bits 2 to 0 in SBICRA) is used to select a maximum transfer frequency
output from the SCL pin in the master mode. Set a communication baud rate that
meets the I2C bus specification, such as the shortest pulse width of tLOW, based
on the equations shown below.
Four or more machine cycles are required for both high and low levels of pulse width
in the external clock which is input from SCL pin.
Note:
Since the I2C of TMP88CS34/CP34 can not be used as the Fast mode and the High
Speed mode, do not set SCK as the frequency that is over 100 kHz.
Figure 2.9.7 Clock Source
b. Clock synchronization
In the I2C bus mode, in order to drive a bus with a wired AND, a master device which
pulls down a clock pulse to low will, in the first place, invalidate a clock pulse of
another master device which generates a high-level clock pulse.
The serial bus interface circuit has a clock synchronization function. This function
ensures normal transfer even if there are two or more masters on the same bus.
The example explains clock synchronization procedures when two masters
simultaneously exist on a bus.
Figure 2.9.8 Clock Synchronization
As Master 1 pulls down the SCL pin to the low level at point “a”, the SCL line of the
bus becomes the low level. After detecting this situation, Master 2 resets counting a
clock pulse in the high level and sets the SCL pin to the low level.
Master 1 finishes counting a clock pulse in the low level at point “b” and sets the SCL
1/fscl
tLOW = 2
n/fc
tHIGH = 2
n/fc
+ 8/fc
fscl
= 1/(tLow + tHIGH)
Note: fc: High-frequency clock
n
SCK
(bits 2 to 0 in the SBICRA)
DV1CK
= 0
DV1CK
= 1
000
001
010
011
100
101
110
4
5
6
7
8
9
10
5
6
7
8
9
10
11
tHIGH
tLOW
tSCKL tSCKH
tSCKL , tSCKH > 4 tcyc
Note: tcyc
= 4/fc (in NORMAL mode, IDLE mode)
SCL pin (Master 1)
SCL pin (Master 2)
SCL (Bus)
wait
Count start
Count reset
a
b
c
Count reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com