Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS34FG Datasheet(PDF) 73 Page - Toshiba Semiconductor

Part # TMP88CS34FG
Description  CMOS 8-Bit Microcontroller
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS34FG Datasheet(HTML) 73 Page - Toshiba Semiconductor

Back Button TMP88CS34FG Datasheet HTML 69Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 70Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 71Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 72Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 73Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 74Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 75Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 76Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 77Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 215 page
background image
TMP88CS34/CP34
2007-09-12
88CS34-73
(3) Window mode
In this mode, counting up performed on the rising edge of an internal clock during TC2
external pin input (window pulse) is “H” level. The contents of TC2DR are compared with
the contents of up-counter. If a match found, an INTTC2 interrupt is generated, and the
up-counter is cleared.
The maximum applied frequency (TC2 input) must be considerably slower than the
selected internal clock.
Example: Generates an interrupt, inputting “H” level pulse width of 120 ms or more.
(at fc
= 16.0 MHz, DV1CK = 1)
LDW (TC2DR), 0075H
;
Sets TC2DR (120 ms
÷ 214/fc = 0075H)
DI
SET
(EIRH). 6
;
Enables INTTC2 interrupt
EI
LD
(TC2CR), 00000101B
;
Selects TC2 source clock
LD
(TC2CR), 00100101B
;
Starts TC2
Figure 2.6.5 Window Mode Timing Chart
12
n
− 31
2
3
n
TC2DR
INTTC2 interrupt
Internal clock
Up-counter
0
n
Match detect
Counter clear
TC2 pin input
n
− 2
n
− 1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com