Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS34FG Datasheet(PDF) 102 Page - Toshiba Semiconductor

Part # TMP88CS34FG
Description  CMOS 8-Bit Microcontroller
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS34FG Datasheet(HTML) 102 Page - Toshiba Semiconductor

Back Button TMP88CS34FG Datasheet HTML 98Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 99Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 100Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 101Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 102Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 103Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 104Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 105Page - Toshiba Semiconductor TMP88CS34FG Datasheet HTML 106Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 215 page
background image
TMP88CS34/CP34
2007-09-12
88CS34-102
2.9.9
Clocked-synchronous 8-Bit SIO Mode Control
The following registers are used to control the serial bus interface (SBI) and monitor the
operation in the clocked-synchronous 8-bit SIO mode.
Serial Bus Interface Control Register A
7
6
5
4
3
2
1
0
SBICRA
(00020H)
SIOS
SIOINH
SIOM
“0”
SCK
(Initial value: 0000 *000)
SIOS
Indicate transfer start/stop
0: Stop
1: Start
SIOINH
Continue/abort transfer
0: Continue transfer
1: Abort transfer (automatically cleared after abort)
SIOM
Transfer mode select
00: 8-bit transmit mode
01: reserved
10: 8-bit transmit/receive mode
11: 8-bit receive mode
DV1CK
= 0
DV1CK
= 1
SCK
Serial clock selection
(At fc
= 16 MHz, Output on SCK
pin)
000: 1000.0 kHz
001:
500.0 kHz
010:
250.0 kHz
011:
125.0 kHz
100:
62.5 kHz
101:
31.2 kHz
110:
15.6 kHz
111: External clock (Input
from SCK pin)
000:
500.0 kHz
001:
250.0 kHz
010:
125.0 kHz
011:
62.5 kHz
100:
31.2 kHz
101:
15.6 kHz
110:
7.8 kHz
111: External clock (Input
from SCK pin)
Write
only
Note 1:
fc: High-frequency clock [Hz], *: Don’t care
Note 2:
Clear the SIOS to “0” and set the SIOINH to “1” when setting the transfer mode and serial clock.
Note 3:
SBICRA is write-only register and cannot be used with any of read-modify-write instructions such as bit
manipulation, etc.
Serial Bus Interface Data Register
7
6
5
4
3
2
1
0
SBIDBR
(00021H)
(Initial value: **** ****)
R/W
Note1 :
The data which was written into SBIDBR cannot be read, since a write buffer and a read buffer are
independent in SBIDBR. Therefore, SBIDBR cannot be used with any of read-modify-write instructions
such as bit manipulation, etc.
Note 2: *: Don’t care
Serial Bus Interface Control Register B
7
6
5
4
3
2
1
0
SBICRB
(00023H)
“0”
“0”
“0”
“1”
SBIM
SWRST1 SWRST0
(Initial value: **** 0000)
SBIM
Serial bus interface operation
mode selection
00: Port mode (serial bus interface output disable)
01: SIO mode
10: I
2C bus mode
11: reserved
SWRST1
SWRST0
Software reset start bit
Software reset starts by first writing “10” and next writing “01”
Write
only
Note 1:
*: Don’t care
Note 2:
Switch a mode to port after data transfer is complete.
Note 3:
Switch a mode to I
2C bus mode or clock synchronous 8-bit SIO mode after confirming that the port is
high-level.
Note 4:
SBICRB is a write-only register and cannot be used with any of read-modify-write instructions such as bit
manipulation, etc.
Note 5:
Clear bit 7 to 5 in SBICRB to “0”, and set bit 4 to “1”.
Note 6:
When the SWRST (bit 1, 0 in SBICRB) is written to “01”, “10”, software reset is occurred.
This time, control the serial bus interface and monitor the operation status registers except the SBIM (bit 3,
2 in SBICRB) and the CHS (bit 6 in PMPXCR) are reseted.
Control the serial bus interface and monitor the operation status registers are SBICRA, SBICRB, SBIDBR,
I2CAR, SBISRA, SBISRB, SCCRA, SCCRB and SCSR.
Figure 2.9.19 Control Register/Data Buffer Register/Status Register in SIO Mode (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com