Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS42FG Datasheet(PDF) 33 Page - Toshiba Semiconductor

Part # TMP88CS42FG
Description  8 Bit Microcontroller
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS42FG Datasheet(HTML) 33 Page - Toshiba Semiconductor

Back Button TMP88CS42FG Datasheet HTML 29Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 30Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 31Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 32Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 33Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 34Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 35Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 36Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 37Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 216 page
background image
Page 23
TMP88CS42FG
2.1.5 Reset Circuit
The TMP88CS42FG has four ways to generate a reset: external reset input, address trap reset, watchdog
timer reset, or system clock reset.
Table 2-3 shows how the internal hardware is initialized by reset operation.
At power-on time, the internal cause reset circuits (watchdog timer reset, address trap reset, and system clock
reset) are not initialized.
2.1.5.1 External Reset Input
The RESET pin is a hysteresis input with a pull-up resistor included. By holding the RESET pin low for
at least three machine cycles (12/fc [s]) or more while the power supply voltage is within the rated operat-
ing voltage range and the oscillator is oscillating stably, the device is reset and its internal state is initial-
ized.
When the RESET pin input is released back high, the device is freed from reset and starts executing the
program beginning with the vector address stored at addresses FFFFCH to FFFFEH.
Figure 2-12 Reset Circuit
2.1.5.2 Adress Trap Reset
If the CPU should start looping for reasons of noise, etc. and attempts to fetch instructions from the
internal RAM,SFR or DBR area, the device generats an internal reset.
The addess trap permission/prohibition is set by the address trap reset control register (ATAS,ATKEY).
The address trap is permited initially and the internal reset is generated by fetching from internal
RAM,SFR or DBR area. If the address trap is prohibited, instructions in the internal RAM area can be
executed.
Table 2-3 Internal Hardware Initialization by Reset Operation
Internal Hardware
Initial Value
Internal Hardware
Initial Value
Program Counter (PC)
(FFFFEH to FFFFCH)
Prescaler and divider for the
timing generator
0
Stack Pointer (SP)
Not initialized
General-purpose Registers
(W, A, B, C, D, E, H, L)
Not initialized
Register Bank Selector (RBS)
0
Watchdog timer
Enable
Jump Status Flag (JF)
1
Zero Flag (ZF)
Not initialized
Output latch of input/output port
See description of
each input/output
port.
Carry Flag (CF)
Not initialized
Half Carry Flag (HF)
Not initialized
Sign Flag (SF)
Not initialized
Overflow Flag (VF)
Not initialized
Interrupt Master Enable Flag (IMF)
0
Interrupt Individual Enable Flag (EF)
0
Control register
See description of
each control
register.
Interrupt Latch (IL)
0
Interrupt Nesting Flag (INF)
0
RAM
Not initialized
Reset input
VDD
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com