Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS42FG Datasheet(PDF) 45 Page - Toshiba Semiconductor

Part # TMP88CS42FG
Description  8 Bit Microcontroller
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS42FG Datasheet(HTML) 45 Page - Toshiba Semiconductor

Back Button TMP88CS42FG Datasheet HTML 41Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 42Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 43Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 44Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 45Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 46Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 47Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 48Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 49Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 216 page
background image
Page 35
TMP88CS42FG
3.5 External Interrupts
The TMP88CS42FG has 6 external interrupt inputs. These inputs are equipped with digital noise reject circuits
(Pulse inputs of less than a certain time are eliminated as noise).
Edge selection is also possible with INT1 to INT4. The INT0/P10 pin can be configured as either an external inter-
rupt input pin or an input/output port, and is configured as an input port during reset.
Edge selection, and noise reject control and INT0/P10 pin function selection are performed by the external inter-
rupt control register (EINTCR).
Note 1: In NORMAL or IDLE mode, if a signal with no noise is input on an external interrupt pin, it takes a maximum of "signal
establishment time" from the input signal's edge to set the interrupt latch.
(1) INT1 pin
49/fc [s] ( at EINTCR<INT1NC> = "1") , 193/fc [s] ( at EINTCR<INT1NC> = "0")
(2) INT2 to INT4 pins
25/fc [s]
Note 2: When EINTCR<INT0EN> = "0", IL3 is not set even if a falling edge is detected on the INT0 pin input.
Note 3: When a pin with more than one function is used as an output and a change occurs in data or input/output status, an inter-
rupt request signal is generated in a pseudo manner. In this case, it is necessary to perform appropriate processing such
as disabling the interrupt enable flag.
Source
Pin
Sub-Pin
Enable Conditions
Release Edge (level)
Digital Noise Reject
INT0
INT0
P10
IMF EF3 INT0EN=1
Falling edge
Pulses of less than 2/fc [s] are eliminated as
noise. Pulses of 6/fc [s] or more are considered
to be signals. (at CGCR<DV1CK>=0).
INT1
INT1
P11
IMF EF5 = 1
Falling edge
or
Rising edge
Pulses of less than 15/fc or 63/fc [s] are elimi-
nated as noise. Pulses of 48/fc or 192/fc [s] or
more are considered to be signals.
(at CGCR<DV1CK>=0).
INT2
INT2
P12/TC1
IMF EF29 = 1
Pulses of less than 7/fc [s] are eliminated as
noise. Pulses of 24/fc [s] or more are considered
to be signals.(at CGCR<DV1CK>=0).
INT3
INT3
P21/TC3
IMF EF30 = 1
INT4
INT4
P22/TC4
IMF EF31 = 1
INT5
INT5
P20/STOP
IMF EF15 = 1
Falling edge
Pulses of less than 2/fc [s] are eliminated as
noise. Pulses of 6/fc [s] or more are considered
to be signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com