Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS42FG Datasheet(PDF) 24 Page - Toshiba Semiconductor

Part # TMP88CS42FG
Description  8 Bit Microcontroller
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS42FG Datasheet(HTML) 24 Page - Toshiba Semiconductor

Back Button TMP88CS42FG Datasheet HTML 20Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 21Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 22Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 23Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 24Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 25Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 26Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 27Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 28Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 216 page
background image
Page 14
2. Functional Description
2.1 Functions of the CPU Core
TMP88CS42FG
2.1.4.3 Standby Control Circuit
The Standby Control Circuit starts/stops the high-frequency clock oscillator circuit and selects the main
system clock. The System Control Registers (SYSCR1, SYSCR2) are used to control operation modes of
this circuit. Figure 2-6 shows an operation mode transition diagram, followed by description of the Sys-
tem Control Registers.
(1) Single clock mode
Only the high-frequency clock oscillator circuit is used. Because the main system clock is gener-
ated from the high-frequency clock, the machine cycle time in single clock mode is 4/fc [s].
1. NORMAL mode
In this mode, the CPU core and peripheral hardware units are operated with the high-fre-
quency clock. The TMP88CS42FG enters this NORMAL mode after reset.
2. IDLE mode
In this mode, the CPU and watchdog timer are turned off while the peripheral hardware
units are operated with the high-frequency clock. IDLE mode is entered into by using System
Control Register 2. The device is placed out of this mode and back into NORMAL mode by
an interrupt from the peripheral hardware or an external interrupt. When IMF (interrupt mas-
ter enable flag) = 1 (interrupt enabled), the device returns to normal operation after the inter-
rupt has been serviced. When IMF = 0 (interrupt disabled), the device restarts execution
beginning with the instruction next to one that placed it in IDLE mode.
3. STOP mode
The entire system operation including the oscillator circuit is halted, retaining the internal
state immediately before being stopped, with a minimal amount of power consumed.
STOP mode is entered into by using System Control Register 1, and is exited by STOP pin
input (level or edge selectable). After an elapse of the warm-up time, the device restarts exe-
cution beginning with the instruction next to one that placed it in STOP mode.
Figure 2-6 Operation Mode Transition Diagram
Table 2-1 Single Clock Mode
Operation Mode
Oscillator Circuit
CPU Core
Peripheral
Circuit
Machine Cycle
Time
High
Frequency
Low
Frequency
Single
Clock
RESET
Oscillate
-
Reset
Reset
4/fc [s]
NORMAL
Operate
Operate
IDLE
Stop
STOP
Stop
Stop
-
RESET
STOP
mode
NORMAL
mode
IDLE
mode
Interrupt
Instruction
Input for releasing mode
Instruction
Reset deasserted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com