Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS42FG Datasheet(PDF) 17 Page - Toshiba Semiconductor

Part # TMP88CS42FG
Description  8 Bit Microcontroller
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS42FG Datasheet(HTML) 17 Page - Toshiba Semiconductor

Back Button TMP88CS42FG Datasheet HTML 13Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 14Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 15Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 16Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 17Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 18Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 19Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 20Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 21Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 216 page
background image
Page 7
TMP88CS42FG
P65
AIN5
31
IO
I
PORT65
Analog Input5
P64
AIN4
30
IO
I
PORT64
Analog Input4
P63
AIN3
29
IO
I
PORT63
Analog Input3
P62
AIN2
28
IO
I
PORT62
Analog Input2
P61
AIN1
27
IO
I
PORT61
Analog Input1
P60
AIN0
26
IO
I
PORT60
Analog Input0
P77
AIN15
DBOUT2
41
IO
I
O
PORT77
Analog Input15
PMD debug output2
P76
AIN14
40
IO
I
PORT76
Analog Input14
P75
AIN13
39
IO
I
PORT75
Analog Input13
P74
AIN12
38
IO
I
PORT74
Analog Input12
P73
AIN11
37
IO
I
PORT73
Analog Input11
P72
AIN10
36
IO
I
PORT72
Analog Input10
P71
AIN9
35
IO
I
PORT71
Analog Input9
P70
AIN8
34
IO
I
PORT70
Analog Input8
XIN
2
I
Resonator connecting pins for high-frequency clock
XOUT
3
O
Resonator connecting pins for high-frequency clock
RESET
8
I
Reset signal
TEST
4
I
Test pin for out-going test and the Serial PROM mode control
pin. Usually fix to low level. Fix to high level when the Serial
PROM mode starts.
VAREF
42
I
Analog Base Voltage Input Pin for A/D Conversion
AVDD
43
I
Analog Power Supply
AVSS
44
I
Analog Power Supply
VDD
5
I
+5V
VSS
1
I
0(GND)
Table 1-1 Pin Names and Functions(3/3)
Pin Name
Pin Number
Input/Output
Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com