Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS42FG Datasheet(PDF) 92 Page - Toshiba Semiconductor

Part # TMP88CS42FG
Description  8 Bit Microcontroller
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS42FG Datasheet(HTML) 92 Page - Toshiba Semiconductor

Back Button TMP88CS42FG Datasheet HTML 88Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 89Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 90Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 91Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 92Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 93Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 94Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 95Page - Toshiba Semiconductor TMP88CS42FG Datasheet HTML 96Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 216 page
background image
Page 82
9. 16-Bit Timer (CTC)
9.2 Control
TMP88CS42FG
9.2 Control
Compare timer/counter 1 is controlled using Compare timer/counter 1 Control Registers (CTC1CR1 and
CTC1CR2), as well as three 16-bit Timer Registers (CTC1DRA, CTC1DRB, and CTC1DRC).
Note: CTC1DRA, CTC1DRB, and CTC1DRC are write-only registers and must not be used with any of the read-modify-write
instructions such as SET, CLR, etc.
Note 1: *: Don’t care
Note 2: The CTC1CR1<CTC1RES> is 0 when read.
Note 3: Use the LDW instruction for write to the CTC1DR H/L Registers. Set a value equal to or greater than 2.
Note 4: Write to CTC1DR H/L A, B, and C Registers as many as set with the CTC1CR2 Register CTC1REG bit.
Note 5: Data are written to CTC1DR H/L Registers in order of CTC1DRA, CTC1DRB, and CTC1DRC.
Compare Timer Registers (CTC1DRH: 00017h, CTC1DRL: 00016h)
CTC1DRA
15
14
13
12
11
10
98
765
43
21
0
Write only
(Initial value: ******** ********)
CTC1DRAH
CTC1DRAL
CTC1DRB
15
14
13
12
11
10
98
765
43
21
0
Write only
Initial value: ******** ********
CTC1DRBH
CTC1DRBL
CTC1DRC
15
14
13
12
11
10
98
765
43
21
0
Write only
Initial value: ******** ********
CTC1DRCH
CTC1DRCL
Compare Timer/Counter 1 Control Registers (CTC1CR2: 00015h, CTC1CR1: 00014h)
CTC1CR1
lower address
76
5432
10
R/W
(Initial value: 00000000)
CTC1RES
PPGFF0
CTC1M
CTC1CY
CTC1SE
CTC1E
CTC1SM
CTC1S
CTC1CR2
upper address
76
5432
10
R/W
(Initial value: *0000000)
*
EXTRG-
DIS
CTC1REG
CTC1CK
CTC1FF0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com