Electronic Components Datasheet Search
  English  ▼

X  

AMC23C10 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # AMC23C10
Description  AMC23C10-Q1 Automotive, Fast-Response, Reinforced, Isolated Comparator With Dual Output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC23C10 Datasheet(HTML) 17 Page - Texas Instruments

Back Button AMC23C10 Datasheet HTML 13Page - Texas Instruments AMC23C10 Datasheet HTML 14Page - Texas Instruments AMC23C10 Datasheet HTML 15Page - Texas Instruments AMC23C10 Datasheet HTML 16Page - Texas Instruments AMC23C10 Datasheet HTML 17Page - Texas Instruments AMC23C10 Datasheet HTML 18Page - Texas Instruments AMC23C10 Datasheet HTML 19Page - Texas Instruments AMC23C10 Datasheet HTML 20Page - Texas Instruments AMC23C10 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
6.3.2 Isolation Channel Signal Transmission
The AMC23C10-Q1 uses an on-off keying (OOK) modulation scheme, as shown in Figure 6-2, to transmit
the comparator output states across the SiO2-based isolation barrier. The transmit driver (TX) shown in the
Functional Block Diagram transmits an internally-generated, high-frequency carrier across the isolation barrier to
represent a digital one and does not send a signal to represent a digital zero.
The receiver (RX) on the other side of the isolation barrier recovers and demodulates the signal and provides
the data for the logic that drives the open-drain output buffer. The AMC23C10-Q1 transmission channel is
optimized to achieve the highest level of common-mode transient immunity (CMTI) and the lowest level of
radiated emissions caused by the high-frequency carrier and RX/TX buffer switching.
Data
on High-side
Signal Across Isolation Barrier
Recovered Data
on Low-side
Figure 6-2. OOK-Based Modulation Scheme
6.3.3 Digital Outputs
The AMC23C10-Q1 provides an open-drain and a push-pull output. The open-drain output is actively pulled low
when VINP is above VINN and returns to a high-impedance (Hi-Z) state when VINP is below the VINN level. The
push-pull output is actively driven high when VINP is above VINN and is actively driven low when VINP is below the
VINN level. The comparator has built-in hysteresis (VHYS) that is centered around VINN, see Figure 6-1.
The open-drain output is diode-connected to the VDD2 supply (see the Functional Block Diagram). Meaning that
the output cannot be pulled more than 500mV above the VDD2 supply before significant current begins to flow
into the OUT1 pin. In particular, the open-drain output is clamped to one diode voltage above ground if VDD2 is
at the GND2 level. This behavior is indicated by the gray shadings in Figure 6-3 through Figure 6-8.
On a system level, the CMTI performance of an open-drain signal line depends on the value of the pullup
resistor. During a common-mode transient event with a high slew rate (high dV/dt), the open-drain signal line is
potentially pulled low. This condition occurs because of parasitic capacitive coupling between the high-side and
the low-side of the printed circuit board (PCB). The effect of parasitic coupling on the signal level is a function
of the pullup strength. A lower value pullup resistor results in better CMTI performance. The AMC23C10-Q1
is characterized by a relatively weak pullup resistor value of 10kΩ. This value makes sure the specified CMTI
performance is met in a typical application with a 4.7kΩ or lower pullup resistor.
www.ti.com
AMC23C10-Q1
SBASB90 – FEBRUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: AMC23C10-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com