Electronic Components Datasheet Search
  English  ▼

X  

AMC23C10 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # AMC23C10
Description  AMC23C10-Q1 Automotive, Fast-Response, Reinforced, Isolated Comparator With Dual Output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC23C10 Datasheet(HTML) 20 Page - Texas Instruments

Back Button AMC23C10 Datasheet HTML 16Page - Texas Instruments AMC23C10 Datasheet HTML 17Page - Texas Instruments AMC23C10 Datasheet HTML 18Page - Texas Instruments AMC23C10 Datasheet HTML 19Page - Texas Instruments AMC23C10 Datasheet HTML 20Page - Texas Instruments AMC23C10 Datasheet HTML 21Page - Texas Instruments AMC23C10 Datasheet HTML 22Page - Texas Instruments AMC23C10 Datasheet HTML 23Page - Texas Instruments AMC23C10 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
6.3.5 VDD1 Brownout and Power-Loss Behavior
Brownout is a condition where the VDD1 supply drops below the specified operating voltage range but the
device remains functional. Power loss is a condition where the VDD1 supply drops below a level where
the device stops being functional. Depending on the duration and the voltage level, a brownout condition is
potentially noticeable at the output of the device. A power-loss condition is always signaled on the output of the
isolated comparator.
Figure 6-9 through Figure 6-11 show typical brownout and power-loss scenarios.
In Figure 6-9, VDD1 droops below the undervoltage detection threshold (VDD1UV) but recovers before the
high-side-fault detection delay time (tHS,FLT) expires. The brownout event has no effect on the comparator
outputs.
In Figure 6-10, VDD1 droops below the undervoltage detection threshold (VDD1UV) for more than the high-side-
fault detection delay time (tHS,FLT). The brownout condition is detected as a fault and OUT1 is pulled low and
OUT2 is driven high after a delay equal to tHS,FLT. The device resumes normal operation as soon as VDD1
recovers above the VDD1UV threshold.
VDD1
(high-side)
VDD2
(low-side)
VDD1UV
OUT1
(open-drain)
OUT2
(push-pull)
no change on output
ON
no change on output
< tHS,FLT
Figure 6-9. Output Response to a Short Brownout
Event on VDD1
tHS, FLT
VDD1
(high-side)
VDD2
(low-side)
VDD1UV
OUT1
(open-drain)
OUT2
(push-pull)
ON
10%
fault
normal
operation
normal
operation
normal
operation
normal
operation
fault
Figure 6-10. Output Response to a Long Brownout
Event on VDD1
In Figure 6-11, VDD1 droops below the power-on-reset (POR) threshold (VDD1POR). The power-loss condition
is detected as a fault and OUT1 is pulled low and OUT2 is driven high after a delay equal to tHS,FLT. The
device resumes normal operation after a delay equal to tHS,STA + tHS,BLK after VDD1 recovers above the VDD1UV
threshold.
VDD1
(high-side)
VDD2
(low-side)
tHS,FLT
10%
VDD1UV
OUT1
(open-drain)
OUT2
(push-pull)
normal
operation
fault
tHS,STA+ tHS,BLK
normal
operation
ON
VDD1POR
90%
normal
operation
fault
normal
operation
Figure 6-11. Output Response to a Power-Loss Event on VDD1
AMC23C10-Q1
SBASB90 – FEBRUARY 2025
www.ti.com
20
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AMC23C10-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com