Electronic Components Datasheet Search
  English  ▼

X  

AMC23C10 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # AMC23C10
Description  AMC23C10-Q1 Automotive, Fast-Response, Reinforced, Isolated Comparator With Dual Output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC23C10 Datasheet(HTML) 19 Page - Texas Instruments

Back Button AMC23C10 Datasheet HTML 15Page - Texas Instruments AMC23C10 Datasheet HTML 16Page - Texas Instruments AMC23C10 Datasheet HTML 17Page - Texas Instruments AMC23C10 Datasheet HTML 18Page - Texas Instruments AMC23C10 Datasheet HTML 19Page - Texas Instruments AMC23C10 Datasheet HTML 20Page - Texas Instruments AMC23C10 Datasheet HTML 21Page - Texas Instruments AMC23C10 Datasheet HTML 22Page - Texas Instruments AMC23C10 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
VDD1
(high-side)
VDD2
(low-side)
OUT1
(open-drain)
OUT2
(push-pull)
90%
VDD1UV
(Hi-Z)
tLS,STA + tHS,FLT
VDD2UV
(Hi-Z)
normal
operation
normal
operation
tHS,STA+ tHS,BLK
fault
10%
fault
Figure 6-5. VDD2 Turns On, Followed by VDD1
(Short Delay)
VDD1
(high-side)
VDD2
(low-side)
tHS,FLT
90%
VDD1UV
(Hi-Z)
VDD2UV
OUT1
(open-drain)
OUT2
(push-pull)
normal
operation
normal
operation
fault
fault
Figure 6-6. VDD1 Turns Off, Followed by VDD2
In Figure 6-7, the low-side supply (VDD2) turns on after the high-side is fully powered up (the delay between
VDD1 and VDD2 is greater than (tHS,STA + tHS,BLK)). OUT1 starts in a Hi-Z state and OUT2 starts in a low state.
After the low-side start-up time (tLS,STA), the device enters normal operation.
In Figure 6-8, the low-side supply (VDD2) turns off, followed by the high-side supply (VDD1). As soon as VDD2
drops below the VDD2UV threshold, OUT1 enters a Hi-Z state and OUT2 is driven low.
VDD1
(high-side)
tLS,STA
VDD2
(low-side)
VDD2UV
90%
(Hi-Z)
(Hi-Z)
OUT1
(open-drain)
OUT2
(push-pull)
normal
operation
normal
operation
VDD1UV
>tHS,STA + tHS,BLK
Figure 6-7. VDD1 Turns On, Followed by VDD2
(Long Delay)
VDD1
(high-side)
VDD2
(low-side)
(Hi-Z)
VDD2UV
OUT1
(open-drain)
OUT2
(push-pull)
normal
operation
normal
operation
Figure 6-8. VDD2 Turns Off, Followed by VDD1
www.ti.com
AMC23C10-Q1
SBASB90 – FEBRUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: AMC23C10-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com