Electronic Components Datasheet Search
  English  ▼

X  

AMC23C10 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # AMC23C10
Description  AMC23C10-Q1 Automotive, Fast-Response, Reinforced, Isolated Comparator With Dual Output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC23C10 Datasheet(HTML) 5 Page - Texas Instruments

  AMC23C10 Datasheet HTML 1Page - Texas Instruments AMC23C10 Datasheet HTML 2Page - Texas Instruments AMC23C10 Datasheet HTML 3Page - Texas Instruments AMC23C10 Datasheet HTML 4Page - Texas Instruments AMC23C10 Datasheet HTML 5Page - Texas Instruments AMC23C10 Datasheet HTML 6Page - Texas Instruments AMC23C10 Datasheet HTML 7Page - Texas Instruments AMC23C10 Datasheet HTML 8Page - Texas Instruments AMC23C10 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
5.3 Recommended Operating Conditions
over operating ambient temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
POWER SUPPLY
VVDD1
High-side power-supply voltage
VDD1 to GND1
3.0
5
25
V
VVDD2
Low-side power supply voltage
VDD2 to GND2
2.7
3.3
5.5
V
ANALOG INPUT
VINP
Input voltage
INP to GND1, VDD1 ≤ 4.3 V
–1
VDD1 –
0.3
V
INP to GND1, VDD1 > 4.3V
–1
4
VINN
Input voltage
INN to GND1, VDD1 ≤ 4.3 V
0
VDD1 –
0.3
V
INP to GND1, VDD1 > 4.3 V
0
4
DIGITAL OUTPUTS
Digital output voltage
OUT1, OUT2 to GND2
GND2
VDD2
V
Sink current
OUT1
0
4
mA
Source or sink current
OUT2
–10
4
mA
TEMPERATURE RANGE
TA
Specified ambient temperature
–40
25
125
°C
5.4 Thermal Information
THERMAL METRIC(1)
DWV (SOIC)
UNIT
8 PINS
RθJA
Junction-to-ambient thermal resistance
102.8
°C/W
RθJC(top) Junction-to-case (top) thermal resistance
45.1
°C/W
RθJB
Junction-to-board thermal resistance
63.0
°C/W
ΨJT
Junction-to-top characterization parameter
14.3
°C/W
ΨJB
Junction-to-board characterization parameter
61.1
°C/W
RθJC(bot) Junction-to-case (bottom) thermal resistance
n/a
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
5.5 Power Ratings
PARAMETER
TEST CONDITIONS
VALUE
UNIT
PD
Maximum power dissipation (both sides)
VDD1 = 25 V, VDD2 = 5.5 V
95
mW
VDD1 = VDD2 = 5.5 V
30
VDD1 = VDD2 = 3.6 V
20
PD1
Maximum power dissipation (high-side)
VDD1 = 25 V
83
mW
VDD1 = 5.5 V
18
VDD1 = 3.6 V
12
PD2
Maximum power dissipation (low-side)
VDD2 = 5.5 V
12
mW
VDD2 = 3.6 V
8
www.ti.com
AMC23C10-Q1
SBASB90 – FEBRUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: AMC23C10-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com