Electronic Components Datasheet Search
  English  ▼

X  

AMC23C10 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # AMC23C10
Description  AMC23C10-Q1 Automotive, Fast-Response, Reinforced, Isolated Comparator With Dual Output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC23C10 Datasheet(HTML) 8 Page - Texas Instruments

Back Button AMC23C10 Datasheet HTML 4Page - Texas Instruments AMC23C10 Datasheet HTML 5Page - Texas Instruments AMC23C10 Datasheet HTML 6Page - Texas Instruments AMC23C10 Datasheet HTML 7Page - Texas Instruments AMC23C10 Datasheet HTML 8Page - Texas Instruments AMC23C10 Datasheet HTML 9Page - Texas Instruments AMC23C10 Datasheet HTML 10Page - Texas Instruments AMC23C10 Datasheet HTML 11Page - Texas Instruments AMC23C10 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
5.9 Electrical Characteristics
minimum and maximum specifications apply from TA = –40°C to 125°C, VDD1 = 3.0 V to 25 V, VDD2 = 2.7 V to 5.5 V,
INN = GND1, and VINP = –1 V to 4 V(3) ; typical specifications are at TA = 25°C, VDD1 = 5 V, VDD2 = 3.3 V, and INN =
GND1 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
RIN
Input resistance
INP, INN pin, 0 ≤ VIN ≤ 4 V
1
GΩ
IBIAS
Input bias current
INP pin, 0 ≤ VIN ≤ 4 V(2)
0.1
25
nA
INP pin, –400 mV ≤ VIN ≤ 0 V(3)
–310
–0.5
INP pin, –1V ≤ VIN < –400 mV(4)
–80
–40
–10
µA
INN pin, 0 ≤ VIN ≤ 4 V(2)
0.5
12
nA
CIN
Input capacitance
INP, INN pin
4
pF
COMPARATOR
VIT+
Positive-going trip threshold
VINN + VHYS / 2
mV
VIT–
Negative-going trip threshold
VINN –VHYS / 2
mV
Trip threshold error
(VIT+ – VINN – VHYS / 2), VHYS = 25 mV,
INN = GND1, VINP rising
–6
6
mV
(VIT– – VINN + VHYS / 2), VHYS = 25 mV,
INN = GND1, VINP falling
–6
6
VHYS
Trip threshold hysteresis
(VIT+ – VIT–)
25
mV
DIGITAL OUTPUTS
VOL
Low-level output voltage
ISINK = 4 mA
80
250
mV
VOH
High-level output voltage
ISOURCE = 4mA (push-pull output only)
VDD2 –
175 mV
VDD2
V
ILKG
Open-drain output leakage current
VDD2 = 5 V, VOUT = 5 V
5
100
nA
CMTI
Common-mode transient immunity
|VINP – VINN| ≥ 25 mV, push-pull output
100
150
V/ns
|VINP – VINN| ≥ 25 mV, open-drain output,
RPULLUP = 10 kΩ
75
150
AMC23C10-Q1
SBASB90 – FEBRUARY 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AMC23C10-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com