Electronic Components Datasheet Search
  English  ▼

X  

AMC23C10 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # AMC23C10
Description  AMC23C10-Q1 Automotive, Fast-Response, Reinforced, Isolated Comparator With Dual Output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC23C10 Datasheet(HTML) 24 Page - Texas Instruments

Back Button AMC23C10 Datasheet HTML 20Page - Texas Instruments AMC23C10 Datasheet HTML 21Page - Texas Instruments AMC23C10 Datasheet HTML 22Page - Texas Instruments AMC23C10 Datasheet HTML 23Page - Texas Instruments AMC23C10 Datasheet HTML 24Page - Texas Instruments AMC23C10 Datasheet HTML 25Page - Texas Instruments AMC23C10 Datasheet HTML 26Page - Texas Instruments AMC23C10 Datasheet HTML 27Page - Texas Instruments AMC23C10 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
7.4 Power Supply Recommendations
The AMC23C10-Q1 does not require any specific power-up sequencing. The high-side power supply (VDD1) is
decoupled with a low-ESR, 100nF capacitor (C1) parallel to a low-ESR, 1µF capacitor (C2). The low-side power
supply (VDD2) is equally decoupled with a low-ESR, 100nF capacitor (C3) parallel to a low-ESR, 1µF capacitor
(C4). Place all four capacitors (C1, C2, C3, and C4) as close to the device as possible. Figure 7-5 shows a
decoupling schematic for the AMC23C10-Q1.
For high VDD1 supply voltages (>5.5V) place a 10Ω resistor (R4) in series with the VDD1 power supply for
additional filtering.
to MCU
Low-side supply (2.7..5.5V)
VDD1
GND1
INP
INN
AMC23C10-Q1
VDD2
OUT2
OUT1
GND2
C1
100nF
C2
1µF
C3
100nF
C4
1µF
R2
4.7k
to MCU
R4
10
High-side supply (3..27V)
C6
1nF
R5
10
Figure 7-5. Decoupling of the AMC23C10-Q1
Make sure capacitors provide adequate effective capacitance under the applicable DC bias conditions
experienced in the application. Multilayer ceramic capacitors (MLCCs) typically exhibit only a fraction of the
nominal capacitance under real-world conditions. Take this factor into consideration when selecting these
capacitors. This problem is especially acute in low-profile capacitors, in which the dielectric field strength is
higher than in taller components. Reputable capacitor manufacturers provide capacitance versus DC bias curves
that greatly simplify component selection.
7.5 Layout
7.5.1 Layout Guidelines
Figure 7-6 shows a layout recommendation with the critical placement of the decoupling capacitors (as close as
possible to the AMC23C10-Q1 supply pins) and placement of the other components required by the device.
7.5.2 Layout Example
High-side
supply
C2
C1
AMC23C10-Q1
Clearance area, to be
kept free of any
conductive materials.
Top Metal
Inner or Bottom Layer Metal
Via
OUT2
OUT1
GND1
GND2
to MCU
to MCU
C4
C3
R4
Low-side
supply
C6
INN
INP
INPUT
Figure 7-6. Recommended Layout of the AMC23C10-Q1
AMC23C10-Q1
SBASB90 – FEBRUARY 2025
www.ti.com
24
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AMC23C10-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com