Electronic Components Datasheet Search
  English  ▼

X  

AMC23C10 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # AMC23C10
Description  AMC23C10-Q1 Automotive, Fast-Response, Reinforced, Isolated Comparator With Dual Output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC23C10 Datasheet(HTML) 23 Page - Texas Instruments

Back Button AMC23C10 Datasheet HTML 19Page - Texas Instruments AMC23C10 Datasheet HTML 20Page - Texas Instruments AMC23C10 Datasheet HTML 21Page - Texas Instruments AMC23C10 Datasheet HTML 22Page - Texas Instruments AMC23C10 Datasheet HTML 23Page - Texas Instruments AMC23C10 Datasheet HTML 24Page - Texas Instruments AMC23C10 Datasheet HTML 25Page - Texas Instruments AMC23C10 Datasheet HTML 26Page - Texas Instruments AMC23C10 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
7.2.4 Application Curves
Figure 7-3 shows the typical response of the AMC23C10-Q1 to a 400mVPP sinusoidal input waveform applied
to the INP pin, while INN in grounded (0V). Both outputs switch when the input crosses the 0V plus comparator
hysteresis level.
Figure 7-3. Output Response of the AMC23C10-Q1 to a Sinusoidal Input Waveform
The integrated LDO of the AMC23C10-Q1 greatly relaxes the power-supply requirements on the high-voltage
side and allows powering the device from non-regulated transformer, charge pump, and bootstrap supplies.
As given by the following image, the internal LDO provides a stable operating voltage to the internal circuitry,
allowing the trip thresholds to remain mostly undisturbed even at ripple voltages of 2VPP and higher.
VDD1 Ripple Voltage (VPP)
0
1
2
3
4
5
0
0.2
0.4
0.6
0.8
1
1.2
1.4
D063a
VDD1 = 5 V
VDD1 = 10 V
Figure 7-4. Trip Threshold Sensitivity to VDD1 Ripple Voltage (fRIPPLE = 10kHz)
7.3 Best Design Practices
Use a low-value pullup resistor (<10kΩ) on the open-drain output, as explained in the Digital Outputs section, to
minimize the effect of capacitive coupling on the open-drain signal line during a common-mode transient event.
Use the INP pin as the signal input and the INN pin as the reference or quiet input to the comparator. Keep
connections to the inputs short and shielded from noise sources to prevent false triggering of the comparator.
www.ti.com
AMC23C10-Q1
SBASB90 – FEBRUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: AMC23C10-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com