Electronic Components Datasheet Search
  English  ▼

X  

TUSB1146 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1146
Description  TUSB1146-Q1 Automotive DisplayPort™ Alt Mode Over USB Type-C® Source 10Gbps Linear Redriver Crosspoint Switch
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1146 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TUSB1146 Datasheet HTML 17Page - Texas Instruments TUSB1146 Datasheet HTML 18Page - Texas Instruments TUSB1146 Datasheet HTML 19Page - Texas Instruments TUSB1146 Datasheet HTML 20Page - Texas Instruments TUSB1146 Datasheet HTML 21Page - Texas Instruments TUSB1146 Datasheet HTML 22Page - Texas Instruments TUSB1146 Datasheet HTML 23Page - Texas Instruments TUSB1146 Datasheet HTML 24Page - Texas Instruments TUSB1146 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 69 page
background image
6 Detailed Description
6.1 Overview
The TUSB1146-Q1 is a VESA DisplayPort Alt Mode over USB Type-C redriving switch that supports DisplayPort
data rates up to 10Gbps for downstream facing port. The device uses 5th generation USB redriver technology .
The device is used for DFP configurations C, D, and E from the VESA DisplayPort Alt Mode over USB Type-C.
The TUSB1146-Q1 provides several levels of receive equalization to compensate for cable and board trace loss
due to inter-symbol interference (ISI) when USB 3.2 or DisplayPort 2.1 signals travel across a PCB or cable. The
TUSB1146-Q1 requires a 3.3V power supply and comes in an Automotive Grade 2 temperature range.
For a host application, the TUSB1146-Q1 enables the system to pass both transmitter compliance and receiver
jitter tolerance tests for USB 3.2 and DisplayPort version 2.1. The redriver recovers incoming data by applying
equalization that compensates for channel loss, and drives out signals with a high differential voltage. Each
channel has a receiver equalizer with selectable gain settings. Set the equalization based on the amount of
insertion loss before the TUSB1146-Q1 receivers. Independent equalization control for each channel can be set
using EQ[1:0], SSEQ[1:0], and DPEQ[1:0] pins.
The TUSB1146-Q1 advanced state machine makes the device transparent to hosts and devices. After power
up, the TUSB1146-Q1 periodically performs receiver detection on the TX pairs. If the device detects a USB 3.2
receiver, the RX termination is enabled, and the TUSB1146-Q1 is ready to redrive.
The device ultra-low-power architecture operates at a 3.3V power supply and achieves enhanced performance.
The automatic LFPS de-emphasis control further enables the system to be USB3.2 compliant.
www.ti.com
TUSB1146-Q1
SLLSFZ7 – FEBRUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TUSB1146-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com