Electronic Components Datasheet Search
  English  ▼

X  

TUSB1146 Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1146
Description  TUSB1146-Q1 Automotive DisplayPort™ Alt Mode Over USB Type-C® Source 10Gbps Linear Redriver Crosspoint Switch
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1146 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TUSB1146 Datasheet HTML 39Page - Texas Instruments TUSB1146 Datasheet HTML 40Page - Texas Instruments TUSB1146 Datasheet HTML 41Page - Texas Instruments TUSB1146 Datasheet HTML 42Page - Texas Instruments TUSB1146 Datasheet HTML 43Page - Texas Instruments TUSB1146 Datasheet HTML 44Page - Texas Instruments TUSB1146 Datasheet HTML 45Page - Texas Instruments TUSB1146 Datasheet HTML 46Page - Texas Instruments TUSB1146 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 69 page
background image
Table 7-12. USBC_EQ Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
EQ2_SEL
RH/W
0x0
If AEQ_EN = 0, this field selects EQ for USB3.1 RX2 receiver which
faces the USB-C receptacle. When EQ_OVERRIDE = 0b, this field
reflects the sampled state of EQ[1:0] pins. When EQ_OVERRIDE
= 1b, software can change the EQ setting for RX2p/n pins based
on value written to this field. When AEQ_EN = 1 and AEQ_MODE
= x0, selects EQ setting for USB downstream facing port1 (RX2)
when short channel is detected. Value programmed into this field can
provide best Rx JTOL results for short channel configuration.
3-0
EQ1_SEL
RH/W
0x0
If AEQ_EN = 0, this field selects EQ for USB3.1 RX1 receiver which
faces the USB-C receptacle. When EQ_OVERRIDE = 0b, this field
reflects the sampled state of EQ[1:0] pins. When EQ_OVERRIDE
= 1b, software can change the EQ setting for RX1p/n pins based
on value written to this field. When AEQ_EN = 1 and AEQ_MODE
= x0, selects EQ setting for USB downstream facing port1 (RX1)
when short channel is detected. Value programmed into this field can
provide best Rx JTOL results for short channel configuration.
7.1.11 SS_EQ Register (Offset = 0x21) [reset = 0x0]
SS_EQ is shown in Table 7-13.
Return to the Summary Table.
This register controls the receiver equalization setting for the UFP (SSTX).
Table 7-13. SS_EQ Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
RESERVED
R
0x0
Reserved
3-0
SSEQ_SEL
RH/W
0x0
This field selects EQ for USB3.1 SSTX receiver which faces the
USB host. When EQ_OVERRIDE = 0b, this field reflects the sampled
state of SSEQ[1:0] pins. When EQ_OVERRIDE = 1b, software can
change the EQ setting for SSTXp/n pins based on value written to
this field.
7.1.12 USB3_MISC Register (Offset = 0x22) [reset = 0x44]
USB3_MISC is shown in Table 7-14.
Return to the Summary Table.
Table 7-14. USB3_MISC Register Field Descriptions
Bit
Field
Type
Reset
Description
7
RXD_START_TERM
R/W
0x0
Termination setting at start of RX detection following warm reset and
at entry to SS.Inactive.
0x0 = Maintain termination. Same as tusb1046
0x1 = Turn off termination. Avoid compliance failures due to race
between local and remote rxd in case of disconnect. If connection
remains next state was polling regardless.
www.ti.com
TUSB1146-Q1
SLLSFZ7 – FEBRUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
43
Product Folder Links: TUSB1146-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com