Electronic Components Datasheet Search
  English  ▼

X  

TUSB1146 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1146
Description  TUSB1146-Q1 Automotive DisplayPort™ Alt Mode Over USB Type-C® Source 10Gbps Linear Redriver Crosspoint Switch
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1146 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TUSB1146 Datasheet HTML 42Page - Texas Instruments TUSB1146 Datasheet HTML 43Page - Texas Instruments TUSB1146 Datasheet HTML 44Page - Texas Instruments TUSB1146 Datasheet HTML 45Page - Texas Instruments TUSB1146 Datasheet HTML 46Page - Texas Instruments TUSB1146 Datasheet HTML 47Page - Texas Instruments TUSB1146 Datasheet HTML 48Page - Texas Instruments TUSB1146 Datasheet HTML 49Page - Texas Instruments TUSB1146 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 69 page
background image
Table 7-16. VOD_CTRL Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
3-2
USB_TX12_VOD
R/W
0x0
VOD linearity control for USB downstream facing ports (TX1 and
TX2).
0x0 = LINR_L3 (highest)
0x1 = LINR_L2
0x2 = LINR_L1
0x3 = LINR_L0 (lowest)
1-0
USB_SSRX_VOD
R/W
0x0
VOD linearity control for USB upstream facing port (SSRX). When
SSRX_LIMIT_ENABLE = 1, then this field controls the limited VOD
for SSRX.
0x0 = LINR_L3 (highest)
0x1 = LINR_L2
0x2 = LINR_L1
0x3 = LINR_L0 (lowest)
7.1.15 AEQ_STATUS Register (Offset = 0x3B) [reset = 0x0]
AEQ_STATUS is shown in Table 7-17.
Return to the Summary Table.
This register provides the status of AEQ function.
Table 7-17. AEQ_STATUS Register Field Descriptions
Bit
Field
Type
Reset
Description
7-5
RESERVED
R
0x0
Reserved
4
DONE_STAT
RH
0x0
This flag is set after DAC wait timer expires.
3-0
AEQ_STAT
RH
0x0
Optimal EQ determined by FSM after the completion of Full AEQ.
This field also indicates the EQ used for Fast AEQ. This field also
includes the value programmed into OVER_EQ_CTRL field.
TUSB1146-Q1
SLLSFZ7 – FEBRUARY 2025
www.ti.com
46
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TUSB1146-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com