Electronic Components Datasheet Search
  English  ▼

X  

TUSB1146 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1146
Description  TUSB1146-Q1 Automotive DisplayPort™ Alt Mode Over USB Type-C® Source 10Gbps Linear Redriver Crosspoint Switch
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1146 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TUSB1146 Datasheet HTML 32Page - Texas Instruments TUSB1146 Datasheet HTML 33Page - Texas Instruments TUSB1146 Datasheet HTML 34Page - Texas Instruments TUSB1146 Datasheet HTML 35Page - Texas Instruments TUSB1146 Datasheet HTML 36Page - Texas Instruments TUSB1146 Datasheet HTML 37Page - Texas Instruments TUSB1146 Datasheet HTML 38Page - Texas Instruments TUSB1146 Datasheet HTML 39Page - Texas Instruments TUSB1146 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 69 page
background image
7 Register Maps
7.1 TUSB1146-Q1 Registers
Table 7-1 lists the TUSB1146-Q1 registers. All register offset addresses not listed in Table 7-1 should be
considered as reserved locations and the register contents should not be modified.
Table 7-1. TUSB1146-Q1 Registers
Offset
Acronym
Register Name
Section
0xA
General_1
General Register
Go
0xB
TXEQ_CTRL
TX EQ Control
Go
0x10
DP01EQ_SEL
DisplayPort Lane 0 and 1 EQ Control
Go
0x11
DP23EQ_SEL
DisplayPort Lane 2 and 3 EQ Control
Go
0x12
DisplayPort_1
AUX Snoop Status
Go
0x13
DisplayPort_2
DP Lane Enable/Disable Control
Go
0x1C
AEQ_CONTROL1
AEQ Controls
Go
0x1D
AEQ_CONTROL2
AEQ Controls
Go
0x1E
AEQ_LONG
AEQ setting for Long channel
Go
0x20
USBC_EQ
EQ control for RX1 and RX2 receivers
Go
0x21
SS_EQ
EQ Control for SSTX receiver
Go
0x22
USB3_MISC
Misc USB3 Controls
Go
0x24
USB_STATUS
USB state machine status
Go
0x32
VOD_CTRL
VOD Linearity and AEQ Controls
Go
0x3B
AEQ_STATUS
Full and Fast AEQ status
Go
Complex bit access types are encoded to fit into small table cells. Table 7-2 shows the codes that are used for
access types in this section.
Table 7-2. TUSB1146-Q1 Access Type Codes
Access Type
Code
Description
Read Type
R
R
Read
RH
R
H
Read
Set or cleared by hardware
Write Type
W
W
Write
W1S
W
1S
Write
1 to set
WS
W
Write
Reset or Default Value
-n
Value after reset or the default
value
7.1.1 General_1 Register (Offset = 0xA) [reset = 0x1]
General_1 is shown in Table 7-3.
Return to the Summary Table.
This register is used to select between USB and DisplayPort modes as well as selecting the orientation of the
MUX. Software can set the EQ_OVERRIDE ti use the EQ registers instead of pins.
TUSB1146-Q1
SLLSFZ7 – FEBRUARY 2025
www.ti.com
36
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TUSB1146-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com